Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MT201610-R24MF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MT201610-R24MF
Description  High Current Shielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MT201610-R24MF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MT201610-R24MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R24MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
 
1 
1MT Series
High Current Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          1MT‐2014E
Accetek 
A FEATURES
 Molded Metal Construction with ultra low DCR
 Magnetically shielded
 Low profile ready (1.0mm~)
 High current capability (~110A)
 No acoustic noise and no leakage field
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
B PART NUMBER SYSTEM
1MT
1350
-
2R2
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MT
Series Code
201210 (2.0×1.25×1.0)
201610 (2.0×1.6×1.0)
201612 (2.0×1.6×1.2)
252010 (2.5×2.0×1.0)
252012 (2.5×2.0×1.2)
322510 (3.2×2.5×1.0)
❸ 
Inductance Code
322512 (3.2×2.5×1.2)
0412 (4.0×4.0×1.2)
0420 (4.0×4.0×2.0)
e.g.
Calculation
0518 (5.4×5.4×1.8)
0520 (5.4×5.4×2.0)
0530 (5.4×5.4×3.0)
2R2
2.2μH
0715 (6.6×7.3×1.5)
0718 (6.6×7.3×1.8)
0724 (6.6×7.3×2.4)
101
10×101μH = 100μH
0730 (6.6×7.3×3.0)
0750 (6.6×7.3×5.0)
1030 (10.1×11.5×3.0)
1040 (10.1×11.5×4.0)
1330 (12.6×13.8×3.0)
1350 (12.6×13.8×5.0)
1360 (12.6×13.8×6.0)
1365 (12.6×13.8×6.5)
❺ 
RoHS Compliant
❹ 
Inductance Tolerance
 
M
±20%
C DRAWINGS AND DIMENSIONS
 
Drawing Fig. A
Schematic
A
B
C
D
I
I
J
H
Land Pattern
1
2
Drawing Fig. B
A
B
D
C
E
I
J
H
Land Pattern


Similar Description - 1MT201610-R24MF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318 ABRACON-ASPI-7318 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI7318 ABRACON-ASPI7318 Datasheet
2Mb / 3P
HIGH CURRENT SHIELDED POWER INDUCTOR
10.11.12
logo
Central Technologies
CTHFW2014F CT-CTHFW2014F Datasheet
512Kb / 2P
SMD High Current Power Inductor - Shielded
CTHFW2915F CT-CTHFW2915F Datasheet
516Kb / 2P
SMD High Current Power Inductor - Shielded
CTHFW2918F CT-CTHFW2918F Datasheet
525Kb / 2P
SMD High Current Power Inductor - Shielded
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
CTVFW2724F CT-CTVFW2724F Datasheet
435Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com