Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MT201610-R56MF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MT201610-R56MF
Description  High Current Shielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MT201610-R56MF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MT201610-R56MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201610-R56MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
 
 
2 
1MT Series
High Current Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          1MT‐2014E
Accetek 
Case Size
Dimensions
Drawing Fig.
A
B
Cmax
D
E
Iref.
Jref.
Href.
1MT201210
2.0±0.2
1.25±0.2
1.0
0.5±0.3
/
2.0
0.9
1.2
A
1MT201610
2.0±0.2
1.6±0.2
1.0
0.5±0.3
/
2.0
0.9
1.6
A
1MT201612
2.0±0.2
1.6±0.2
1.2
0.5±0.3
/
2.0
0.9
1.6
A
1MT252010
2.5±0.2
2.0±0.2
1.0
0.6±0.2
/
2.8
1.2
2.0
A
1MT252012
2.5±0.2
2.0±0.2
1.2
0.6±0.2
/
2.8
1.2
2.0
A
1MT322510
3.2±0.2
2.5±0.2
1.0
0.6±0.2
/
3.2
1.7
2.5
A
1MT322512
3.2±0.2
2.5±0.2
1.2
0.6±0.2
/
3.2
1.7
2.5
A
1MT0412
4.0±0.3
4.5 Max
1.2
1.5±0.3
0.8±0.3
5.2
2.5
2.5
B
1MT0420
4.0±0.3
4.5 Max
2.0
1.5±0.3
0.8±0.3
5.2
2.5
2.5
B
1MT0518
5.4±0.3
5.4 Max
1.8
2.0±0.3
1.1±0.3
6.0
2.2
2.5
B
1MT0520
5.4±0.3
5.4 Max
2.0
2.0±0.3
1.1±0.3
6.0
2.2
2.5
B
1MT0530
5.4±0.3
5.4 Max
3.0
2.0±0.3
1.1±0.3
6.0
2.2
2.5
B
1MT0715
6.6±0.3
7.3 Max
1.5
3.0±0.3
1.6±0.3
8.4
3.7
3.5
B
1MT0718
6.6±0.3
7.3 Max
1.8
3.0±0.3
1.6±0.3
8.4
3.7
3.5
B
1MT0724
6.6±0.3
7.3 Max
2.4
3.0±0.3
1.6±0.3
8.4
3.7
3.5
B
1MT0730
6.6±0.3
7.3 Max
3.0
3.0±0.3
1.6±0.3
8.4
3.7
3.5
B
1MT0750
6.6±0.3
7.3 Max
5.0
3.0±0.3
1.6±0.3
8.4
3.7
3.5
B
1MT1030
10.1±0.3
11.5 Max
3.0
3.0±0.3
2.0±0.3
13.6
5.4
4.1
B
1MT1040
10.1±0.3
11.5 Max
4.0
3.0±0.3
2.0±0.3
13.6
5.4
4.1
B
1MT1330
12.6±0.3
13.8 Max
3.0
4.0±0.3
2.0±0.3
14.5
8.0
5.0
B
1MT1350
12.6±0.3
13.8 Max
5.0
4.0±0.3
2.0±0.3
14.5
8.0
5.0
B
1MT1360
12.6±0.3
13.8 Max
6.0
4.0±0.3
2.0±0.3
14.5
8.0
5.0
B
1MT1365
12.6±0.3
13.8 Max
6.5
4.0±0.3
2.0±0.3
14.5
8.0
5.0
B
D SPECIFICATIONS
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(mΩ)
Max.(mΩ)
Irms3(A)
Isat4(A)
1MT201210-R33MF
0.33
±20%
58.0
75.0
3.0
3.6
1MT201210-R47MF
0.47
±20%
61.0
80.0
2.8
3.2
1MT201210-R68MF
0.68
±20%
82.0
105.0
2.5
3.0
1MT201210-1R0MF
1.0
±20%
137.0
155.0
2.0
2.0
1MT201610-R24MF
0.24
±20%
28.0
40.0
4.5
4.2
1MT201610-R33MF
0.33
±20%
40.0
48.0
3.8
4.0
1MT201610-R47MF
0.47
±20%
44.0
54.0
3.6
3.2
1MT201610-R56MF
0.56
±20%
46.0
59.0
3.3
2.8
1MT201610-R68MF
0.68
±20%
55.0
72.0
3.0
2.7
1MT201610-1R0MF
1.0
±20%
81.0
96.0
2.3
2.2
1MT201610-1R5MF
1.5
±20%
122.0
150.0
2.0
2.1
1MT201610-2R2MF
2.2
±20%
170.0
204.0
1.6
2.0
1MT201612-R24MF
0.24
±20%
25.0
35.0
4.8
5.5
1MT201612-R47MF
0.47
±20%
40.0
52.0
3.8
3.8
1MT201612-R68MF
0.68
±20%
53.0
70.0
3.2
3.3
1MT201612-1R0MF
1.0
±20%
67.0
82.0
2.7
3.1
1MT201612-1R5MF
1.5
±20%
95.0
120.0
2.6
2.6
1MT201612-2R2MF
2.2
±20%
165.0
195.0
1.7
2.0
1MT252010-R24MF
0.24
±20%
24.0
40.0
5.0
7.5
1MT252010-R47MF
0.47
±20%
36.0
46.0
3.6
5.2
1MT252010-R68MF
0.68
±20%
49.0
65.0
3.3
3.8
1MT252010-1R0MF
1.0
±20%
60.0
78.0
3.0
3.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com