Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ME4012H-R47NF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME4012H-R47NF
Description  Low Profile Shielded Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME4012H-R47NF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME4012H-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
2 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐H‐2014A
Accetek 
Case Size
Dimensions (mm)
Fig.
A
B
Cmax
D
E
F
Href.
Iref.
Jref.
1ME201610H
2.0±0.2
1.6±0.2
1.0
1.2±0.2
0.6±0.2
0.8±0.2
1.7
0.7
0.7
A
1ME252010H
2.5±0.1
2.0±0.1
1.0
1.5±0.2
0.8±0.2
0.8±0.2
2.0
0.85
0.8
A
1ME252012H
2.5±0.1
2.0±0.1
1.2
1.5±0.2
0.8±0.2
0.8±0.2
2.0
0.85
0.8
A
1ME3012H
3.0±0.2
3.0±0.2
1.2
2.5±0.2
0.75±0.2
1.5±0.2
2.7
0.8
1.5
B
1ME3015H
3.0±0.2
3.0±0.2
1.5
2.5±0.2
0.75±0.2
1.5±0.2
2.7
0.8
1.5
B
1ME4012H
4.0±0.2
4.0±0.2
1.2
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME4018H
4.0±0.2
4.0±0.2
1.8
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME8040H
8.0±0.3
8.0±0.3
4.0
6.3±0.2
2.00±0.3
4.0±0.2
7.5
2.2
3.8
B
D SPECIFICATIONS
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1ME201610H-R16MF
0.16
±20%
0.026
0.031
3.50
4.80
1ME201610H-R24MF
0.24
±20%
0.033
0.040
3.20
4.10
1ME201610H-R33MF
0.33
±20%
0.033
0.040
3.20
3.10
1ME201610H-R47MF
0.47
±20%
0.049
0.059
2.60
2.85
1ME201610H-R68MF
0.68
±20%
0.063
0.076
2.25
2.45
1ME201610H-1R0MF
1.0
±20%
0.095
0.114
1.60
1.85
1ME201610H-1R5MF
1.5
±20%
0.145
0.174
1.40
1.65
1ME201610H-2R2MF
2.2
±20%
0.220
0.264
1.20
1.45
1ME201610H-3R3MF
3.3
±20%
0.279
0.335
0.98
1.05
1ME201610H-4R7MF
4.7
±20%
0.399
0.479
0.82
0.85
1ME201610H-6R8MF
6.8
±20%
0.680
0.816
0.58
0.70
1ME201610H-100MF
10.0
±20%
0.850
1.020
0.50
0.55
1ME252010H-R24MF
0.24
±20%
0.028
0.034
3.00
4.50
1ME252010H-R33MF
0.33
±20%
0.036
0.043
2.65
4.40
1ME252010H-R47MF
0.47
±20%
0.037
0.044
2.65
3.50
1ME252010H-R68MF
0.68
±20%
0.051
0.061
2.35
3.10
1ME252010H-1R0MF
1.0
±20%
0.067
0.080
2.00
2.45
1ME252010H-1R5MF
1.5
±20%
0.090
0.108
1.70
2.05
1ME252010H-2R2MF
2.2
±20%
0.114
0.137
1.55
1.80
1ME252010H-3R3MF
3.3
±20%
0.170
0.228
1.20
1.40
1ME252010H-4R7MF
4.7
±20%
0.269
0.323
1.00
1.15
1ME252010H-6R8MF
6.8
±20%
0.376
0.451
0.84
0.95
1ME252010H-100MF
10.0
±20%
0.487
0.584
0.74
0.75
1ME252010H-150MF
15.0
±20%
0.795
0.954
0.55
0.65
1ME252010H-220MF
22.0
±20%
1.290
1.548
0.45
0.55
1ME252012H-R16MF
0.16
±20%
0.018
0.022
4.50
7.20
1ME252012H-R24MF
0.24
±20%
0.018
0.022
4.50
4.75
1ME252012H-R33MF
0.33
±20%
0.024
0.029
3.70
4.70
1ME252012H-R47MF
0.47
±20%
0.030
0.036
3.30
4.10
1ME252012H-R68MF
0.68
±20%
0.051
0.061
2.30
3.30
1ME252012H-1R0MF
1.0
±20%
0.037
0.044
2.40
1.90
1ME252012H-1R2MF
1.2
±20%
0.065
0.078
2.10
2.50
1ME252012H-1R5MF
1.5
±20%
0.065
0.078
2.10
2.35
1ME252012H-2R2MF
2.2
±20%
0.080
0.096
1.95
1.95
1ME252012H-3R3MF
3.3
±20%
0.120
0.144
1.50
1.25
1ME252012H-4R7MF
4.7
±20%
0.175
0.210
1.25
1.20
1ME252012H-6R8MF
6.8
±20%
0.300
0.360
1.05
1.00
1ME252012H-100MF
10.0
±20%
0.435
0.522
0.87
0.85
1ME252012H-150MF
15.0
±20%
0.830
1.000
0.63
0.75
1ME252012H-180MF
18.0
±20%
0.830
1.000
0.63
0.65



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com