Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MT0412-R47MF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MT0412-R47MF
Description  High Current Shielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MT0412-R47MF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MT0412-R47MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT0412-R47MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
 
 
3 
1MT Series
High Current Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          1MT‐2014E
Accetek 
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(mΩ)
Max.(mΩ)
Irms3(A)
Isat4(A)
1MT252010-1R5MF
1.5
±20%
82.0
105.0
2.9
3.2
1MT252010-2R2MF
2.2
±20%
130.0
156.0
1.8
2.6
1MT252012-R33MF
0.33
±20%
27.0
35.0
4.6
6.8
1MT252012-R47MF
0.47
±20%
29.0
39.0
4.4
6.2
1MT252012-R68MF
0.68
±20%
40.0
46.0
3.7
5.5
1MT252012-1R0MF
1.0
±20%
45.0
59.0
3.5
4.0
1MT252012-1R5MF
1.5
±20%
62.0
70.0
2.7
3.4
1MT252012-2R2MF
2.2
±20%
102.0
115.0
2.3
3.3
1MT322510-R47MF
0.47
±20%
32.0
38.0
5.2
6.0
1MT322510-1R0MF
1.0
±20%
52.0
62.0
3.7
4.0
1MT322510-1R5MF
1.5
±20%
72.0
87.0
3.5
3.2
1MT322510-2R2MF
2.2
±20%
98.0
118.0
2.5
2.7
1MT322512-R47MF
0.47
±20%
21.0
31.0
5.3
6.0
1MT322512-1R0MF
1.0
±20%
39.0
45.0
3.8
4.8
1MT322512-2R2MF
2.2
±20%
70.0
84.0
3.0
3.2
1MT0412-R47MF
0.47
±20%
19.0
21.0
6.0
6.8
1MT0412-R68MF
0.68
±20%
32.0
36.0
4.5
6.0
1MT0412-1R0MF
1.0
±20%
43.0
47.0
4.2
5.2
1MT0412-1R5MF
1.5
±20%
68.0
75.0
3.2
4.0
1MT0412-2R2MF
2.2
±20%
80.0
84.0
2.7
3.5
1MT0412-4R7MF
4.7
±20%
175.0
195.0
1.8
2.8
1MT0420-R10MF
0.10
±20%
4.5
5.0
11.0
30.0
1MT0420-R22MF
0.22
±20%
7.3
8.0
9.0
17.0
1MT0420-R47MF
0.47
±20%
14.0
15.5
6.0
11.5
1MT0420-1R0MF
1.0
±20%
32.0
36.0
3.8
8.5
1MT0420-1R5MF
1.5
±20%
38.0
46.0
3.5
6.0
1MT0420-2R2MF
2.2
±20%
52.0
58.0
3.0
5.0
1MT0420-3R3MF
3.3
±20%
74.0
87.0
2.5
4.0
1MT0420-4R7MF
4.7
±20%
95.0
105.0
1.7
1.8
1MT0518-R56MF
0.56
±20%
8.0
10.0
9.5
15.0
1MT0518-1R0MF
1.0
±20%
15.0
17.0
8.0
9.0
1MT0518-1R2MF
1.2
±20%
17.0
20.0
7.5
8.0
1MT0518-2R2MF
2.2
±20%
30.0
35.0
5.0
6.5
1MT0518-3R3MF
3.3
±20%
52.0
58.0
4.5
5.0
1MT0518-4R7MF
4.7
±20%
78.0
85.0
3.5
4.0
1MT0518-6R8MF
6.8
±20%
107.0
120.0
2.8
3.4
1MT0518-100MF
10
±20%
140.0
155.0
2.5
3.0
1MT0520-R10MF
0.10
±20%
3.6
3.9
17.0
38.3
1MT0520-R22MF
0.22
±20%
4.9
5.2
15.0
28.7
1MT0520-R33MF
0.33
±20%
7.6
8.2
12.0
21.3
1MT0520-R47MF
0.47
±20%
8.1
8.8
11.5
17.9
1MT0520-R68MF
0.68
±20%
11.2
12.4
10.0
15.8
1MT0520-1R0MF
1.0
±20%
18.9
20.0
7.0
13.7
1MT0520-2R2MF
2.2
±20%
45.6
50.1
4.2
10.7
1MT0520-3R3MF
3.3
±20%
79.2
85.5
3.3
7.3
1MT0520-4R7MF
4.7
±20%
108.0
116.6
2.8
4.3
1MT0520-5R6MF
5.6
±20%
113.0
122.0
2.5
3.9
1MT0520-6R8MF
6.8
±20%
139.0
150.0
2.4
3.7
1MT0520-100MF
10
±20%
184.0
199.0
2.3
3.4
1MT0530-R68MF
0.68
±20%
11.0
12.0
8.5
14.0
1MT0530-1R0MF
1.0
±20%
13.0
14.0
7.0
11.0
1MT0530-1R2MF
1.2
±20%
15.0
16.0
6.5
11.0
1MT0530-1R5MF
1.5
±20%
20.0
25.0
6.0
10.0
1MT0530-2R2MF
2.2
±20%
29.0
35.0
5.5
9.0
1MT0530-3R3MF
3.3
±20%
32.0
38.0
5.0
7.0
1MT0530-4R7MF
4.7
±20%
50.0
60.0
3.0
5.0
1MT0715-R56MF
0.56
±20%
9.5
11.0
9.0
14.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com