Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MA125-R47NF Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2MA125-R47NF
Description  Dual Winding Shielded Inductor/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2MA125-R47NF Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2MA125-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA125-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 
 
 
6 
2MA Series
Dual Winding Shielded Inductor/Transformer
Accetek Electronics (Shenzhen) Co., Ltd.                         www.accetek.com                                       Ver.:2MA‐2012E
Accetek 
Parallel Mode
Series Mode
Part Number
L1
(μH)
Tolerance
DCR2
Typ.(Ω)
DCR2
Max.(Ω)
Irms3
(A)
Isat4
(A)
L1
(μH)
Tolerance
DCR2
Typ.(Ω)
DCR2
Max.(Ω)
Irms3
(A)
Isat4
(A)
2MA129-331MF
330
±20%
0.363
0.430
1.50
1.70
1320
±20%
1.452
1.720
0.75
0.85
2MA129-471MF
470
±20%
0.437
0.560
1.40
1.50
1880
±20%
1.748
2.240
0.70
0.75
2MA129-561MF
560
±20%
0.520
0.650
1.20
1.40
2240
±20%
2.080
2.600
0.60
0.70
2MA129-681MF
680
±20%
0.660
0.825
1.10
1.30
2720
±20%
2.640
3.300
0.55
0.65
2MA129-821MF
820
±20%
0.815
1.000
1.00
1.10
3280
±20%
3.260
4.000
0.50
0.55
2MA129-102MF
1000
±20%
0.930
1.200
0.88
1.00
4000
±20%
3.720
4.800
0.44
0.50
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms for an approximate 40°C rise from 20°C ambient temperature.
4. Isat for approximate 10% roll off at 25°C.
5. Available for custom designs on request
6. Specifications subject to change without notice please check our website for latest information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com