Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-1410 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRS-R-1410
Description  FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-1410 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRS-R-1410 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-1410 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-1410 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0713
BU-SB13728
Page 1 of 3
Data Sheet # 1017
FUSETRON™ 600V Class RK5
FRS-R — 600Vac/300Vdc, 1⁄10-60A, Dual Element, Time-Delay Fuses
Description: Advanced protection, energy efficient Class RK5
dual element, current-limiting, time-delay fuses with optional
open fuse indication on select ratings.
Time-delay – 10 second (minimum) at 500% of rated current.
Catalog Symbol: FRS-R-(amp) (non-inducating)
FRS-R-(amp)ID (indicating
Ratings:
Volts — 600Vac, 300Vdc (1⁄10-30A)
— 600Vac, 250Vdc (35-60A)
Amps — 1⁄10-60A
IR — 200kA Vac RMS Sym.
— 20kA Vdc
Agency Information:
CE, UL Listed, Std. 248-12, Class RK5, Guide JDDZ,
File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-02, File 53787
Catalog Numbers (amps) — Non-indictaing fuses
FRS-R-1⁄10
FRS-R-18⁄10
FRS-R-8*
FRS-R-1⁄8
FRS-R-2
FRS-R-9*
FRS-R-15⁄100
FRS-R-21⁄4
FRS-R-10*
FRS-R-2⁄10
FRS-R-21⁄2
FRS-R-12*
FRS-R-1⁄4
FRS-R-28⁄10
FRS-R-15*
FRS-R-3⁄10
FRS-R-3
FRS-R-171⁄2*
FRS-R-4⁄10
FRS-R-32⁄10
FRS-R-20*
FRS-R-1⁄2
FRS-R-31⁄2
FRS-R-25*
FRS-R-6⁄10
FRS-R-4
FRS-R-30*
FRS-R-8⁄10
FRS-R-41⁄2
FRS-R-35*
FRS-R-1
FRS-R-5
FRS-R-40*
FRS-R-11⁄8
FRS-R-56⁄10
FRS-R-45*
FRS-R-11⁄4
FRS-R-6*
FRS-R-50*
FRS-R-14⁄10
FRS-R-61⁄4*
FRS-R-60*
FRS-R-11⁄2
FRS-R-7*
FRS-R-16⁄10
FRS-R-71⁄2*
* Open fuse indication available by inserting the sufix “ID.” E.g., FRS-R-15
ID.
Carton Quantity and Weight
Amp Rating
Carton Qty.
1
⁄10–15
10
171⁄2–30
10
35-60
10
Dimensions - in
Features:
• Provides motor overload, ground fault and short-circuit
protection. When used in circuits subject to surge currents
such as those caused by motors, transformers and other
inductive components, these fuses can be sized close to
full-load amps to give maximum overcurrent protection.
• Permits the use of smaller and less costly switches. The
time-delay feature makes it possible to use fuse amp ratings
which are much smaller than those of non-time delay fuses.
Considerable cost saving occurs by permitting the use of
smaller size switches, panels and fuses themselves.
• Provides a higher degree of short-circuit protection (greater
current-limitation) in circuits in which surge currents or
temporary overloads occur.
• Helps protect motors against burnout from overloads
• Gives motor running back-up protection to motors without
extra costs
• Helps protect motors against burnout from single phasing
on three phase systems
• Simplifies and improves blackout prevention
(selective coordination)
• Dual-element fuses can be applied in circuits subject to
temporary motor overloads and surge currents to provide
both high-performance, short-circuit and overload
protection
• The overload element provides protection against low level
overcurrent of overloads and will hold an overload which is
five times greater than the amp rating of the fuse for a
minimum of ten seconds
Recommended Fuse Blocks
Fuse Amps
1-Pole
2-Pole
3-Pole
0-30
R60030-1
R60030-2
R60030-3
35-60
R60060-1
R60060-2
R60060-3
For additional information on the R600 Series of 600 volt fuse
blocks, see Data Sheet # 1111.
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs) 600V
60A
30A
NO.663-R
100A
30A
NO.216-R
60A
NO.616-R
200A
60A
NO.626-R
For additional information on Class R fuse reducers, see
Data Sheet # 1118.
0.81" (±0.008)
5"
(± 0.31)
1/10 to 30A
5.5"
(± 0.31)
35 to 60A
1.06" (±0.008)


Similar Part No. - FRS-R-1410

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRS-R-14/10 COOPER-FRS-R-14/10 Datasheet
339Kb / 3P
Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRS-R-14/10 EATON-FRS-R-14/10 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
More results

Similar Description - FRS-R-1410

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com