Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HJB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HJB
Description  Complementary Bipolar Process
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HJB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HJB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet DS00105 / June 2010
Process information and data (“Information”) in this document is an outline only , for general information purposes ; it does not constitute a representation or warranty
as to capability , performance or suitability of the Process for any given application. User must satisfy himself that the Process is suitable for his requirements .
While Information herein is believed correct and accurate , it is subject to change without notice and Plessey accepts no liability arising from the use or application of
such Information.
All use of , and product manufactured and supplied using the Process , will be subject to Plessey’s standard trading terms, which are available on request .
Plessey Semiconductors Ltd. Tamerton Road, Roborough, Plymouth, United Kingdom, PL6 7BQ
Tel: +44 1752 693000
Fax: +44 1752 693200
Web: www.plesseysemiconductors.com
HJB
Complementary Bipolar Process
Data Sheet DS00105 / June 2010
HJB is a double polysilicon trench isolated complementary bipolar process
for RF applications in the range 900MHz to 2.4GHz.
Key parameters (minimum geometry device)
NPN
PNP
fT
19 GHz
15GHz
CJC
3.5 fF
4 fF
CJE
5.5fF
4.5fF
Bvceo
> 4.5V
>4.5V
Applications
•
High Speed amplifiers
•
TV Tuners
•
Frequency Scalers
•
High Speed Logic
Key Process Feature
•
Integrated inductors (optional)
•
Varactor diodes - 0.5 fF/μm²
•
Polysilicon resistors - 110/155/1400 Ohms/sq
•
Schottky Diodes - Vf=0.5 V
•
MIM capacitors - 0.5 fF/μm² (optional)
•
MIS capacitors - 2.75 fF/μm²
•
Two level or three level metal option
npn cross section
oxide
epitaxy (n-)
Oxide
BN
Substrate (p-)
DC
Base
CS
CS
P+
Emitter
Collector
P+
base
vpnp cross section
oxide
Oxide
Oxide
Substrate (p-)
Oxide
Oxide
BSUB
Oxide
pwell
DC
BP
Collector
CS
N+
N+
Base
CS
Well
Emitter
Base
npn parameters (0.6 x 4.0um emitter)
parameter
Condition
Value
Units
fT
Ic=0.7mA Vce=2V
19
GHz
HFE
Ic=10
μA Vce=2V
174
VAF
63
V
BVCEO
Ic=1
μA
>4.5
V
BVCBO
Ic=1
μA
>8.0
V
CJE
Vbe=0
14
fF
CJC
Vbc=0
7.5
fF
CJS
Vcs=0
19
fF
Vertical pnp parameters (0.6 X 4.0
μm emitter)
parameter
Condition
Value
Units
fT
Ic=0.2mA Vce=2V
15
GHz
HFE
Ic=1
μA Vcb=0
70
VAF
19
V
BVCEO
Ic=1
μA
>12
V
BVCBO
Ic=1
μA
>8.0
V
CJE
Vbe=0
11
fF
CJC
Vbc=0
10
fF
CJS*
Vcs=0
29
fF
*pnp collector-isolation junction
Polysilicon Resistor Values
parameter
Value
Units
LoP
155
± 20
Ω
LoN
110
± 20
Ω
HiP
1.4
± 0.2
k
Ω
Design Rules
Feature
Min
μm
Spacing
μm
Emitter
0.6 X 1.6
LoP, LoN resistor
1.2
0.8
Contact
1.0 X 1.6
1.4
1st Layer metal
1.4
1.0
2
nd layer metal
1.4
1.0
3
rd layer metal
3.0
2.0


Similar Description - HJB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
Dual NPN-PNP complementary Bipolar transistor
30-Mar-2006
logo
List of Unclassifed Man...
HJV ETC2-HJV Datasheet
83Kb / 1P
Complementary Bipolar Process
HJW ETC2-HJW Datasheet
83Kb / 1P
Complementary Bipolar Process
HSB ETC2-HSB Datasheet
72Kb / 1P
SOI Complementary Bipolar Process
WPC ETC2-WPC Datasheet
54Kb / 1P
Bipolar Process
WPX ETC2-WPX Datasheet
54Kb / 1P
Bipolar Process
WXC ETC2-WXC Datasheet
52Kb / 1P
Bipolar Process
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com