Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSB
Description  SOI Complementary Bipolar Process
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet 291200 issue 2 April 12
Process information and data (“Information”) in this document is an outline only, for general information purposes ; it does not constitute a representation or
warranty as to capability , performance or suitability of the Process for any given application. User must satisfy himself that the Process is suitable for his
requirements.
While Information herein is believed correct and accurate , it is subject to change without notice and Plessey accepts no liability arising from the use or application of
such Information.
All use of, and product manufactured and supplied using the Process , will be subject to Plessey’s standard trading terms, which are available on request .
Plessey Semiconductors Ltd. Tamerton Road, Roborough, Plymouth, United Kingdom, PL6 7BQ
Tel: +44 1752 693000
Fax: +44 1752 693200
Web: www.plesseysemiconductors.com
HSB
SOI Complementary Bipolar Process
Data Sheet 291200 issue 2 April 12
npn cross section
oxide
epitaxy (n-)
BN
Substrate
DC
Base
P+
Emitter
Collector
P+ Base
B U R I E D
O X I D E
vpnp cross section
oxide
BP
Collector
N+
N+
Base
Emitter
Base
B U R I E D
O X I D E
P-well
PDC
npn parameters (0.6 x 4.0um emitter)
parameter
Condition
Value
Units
fT
Ic=0.14mA Vce=5V
5
GHz
HFE
Ic=10µA Vce=5V
166
VAF
215
V
BVCEO
Ic=10µA
>26
V
BVCBO
Ic=1µA
>40
V
CJE
Vbe=0
12
fF
CJC
Vbc=0
5
fF
CJS
Vcs=0
49
fF
Vertical pnp parameters (0.6 X 4.0µm emitter)
parameter
Condition
Value
Units
fT
Ic=0.11mAVce=5V
4
GHz
HFE
Ic=10µA Vce=5V
52
VAF
95
V
BVCEO
Ic=10µA
>30
V
BVCBO
Ic=1µA
>40
V
CJE
Vbe=0
10
fF
CJC
Vbc=0
5
fF
CJS
Vcs=0
42
fF
Polysilicon Resistor Values
parameter
Value
Units
LoP
155 ± 20
Ω
LoN
110 ± 20
Ω
HiP
1.4 ± 0.2
kΩ
Design Rules
Feature
Min µm
Spacing µm
Emitter
0.6 X 1.6
LoP, LoN resistor
1.2
0.8
HiP resistor
1.0
0.8
Contact
1.0 X 1.6
1.4
1st Layer metal
1.4
1.0
2
nd layer metal
1.4
1.0
Applications
•
High Speed Video Amplifiers
•
ADSL Drivers
•
High Speed Amplifiers
•
Laser Diode Drivers for DVD
•
Cable Modems
Key Process Feature
•
Low Substrate Capacitance
•
Polysilicon resistors -110/155/1400 Ohms/sq
•
Pt Si Schottky Diodes Vf=0.5 V
•
MIS capacitors – 0.6 fF/µm²
•
Two level metal
HSB is a 26V, high speed, double polysilicon, trench isolated,
complementary SOI bipolar process providing vertical integrated PNP,
polysilicon resistors, MIS capacitors with PtSi Schottky diodes.


Similar Part No. - HSB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HSB LITTELFUSE-HSB Datasheet
155Kb / 1P
Bolt-down Fuses
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
Onboard STPC짰 Atlas System-on-Chip
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-460I-A10 AAEON-HSB-460I-A10 Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-460I-A10-01 AAEON-HSB-460I-A10-01 Datasheet
630Kb / 1P
AMD Geode GX1 Processor
More results

Similar Description - HSB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
Dual NPN-PNP complementary Bipolar transistor
30-Mar-2006
logo
List of Unclassifed Man...
HJB ETC2-HJB Datasheet
84Kb / 1P
Complementary Bipolar Process
HJV ETC2-HJV Datasheet
83Kb / 1P
Complementary Bipolar Process
HJW ETC2-HJW Datasheet
83Kb / 1P
Complementary Bipolar Process
WPC ETC2-WPC Datasheet
54Kb / 1P
Bipolar Process
WPX ETC2-WPX Datasheet
54Kb / 1P
Bipolar Process
WXC ETC2-WXC Datasheet
52Kb / 1P
Bipolar Process
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com