Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20037 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS20037
Description  DVB-S Satellite Tuner with RF bypass
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20037 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS20037 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20037 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PS20037
Data Sheet
The output of the phase detector feeds a charge pump which combined with an external loop filter integrates the
current pulses to control the varactor voltage. The charge pump current is automatically varied by the VCO control
logic to compensate for VCO gain variations that are dependent on selected sub band. The varactor control voltage
is externally coupled to the oscillator section through the input pin Vvar.
1.4
I2C Interface
All programming for the
PS20037 is controlled by an I2C data bus and is compatible with 3V3 standard mode
formats.
Data and Clock are fed in on the SDA and SCL lines respectively as defined by I2C bus format. The device can
either accept data (write mode), or send data (read mode). The LSB of the address byte (R/W) sets the device into
write mode if it is logic ‘0’, and read mode if it is logic ‘1’. The I2C address is fixed at C0 (Write)/C1(Read) in hex
format.
The
PS20037 contains 16 control registers. These registers are read/write registers. These registers are addressed
as sub-addresses on the I2C bus. Registers can be addressed as random access single write/read or random
access sequential write and read as shown below.
Random Access Single Write
Random Access Sequential Write
Stop
Random Access Single Read
Random Access Sequential Read
W
Write bit
A
Acknowledge Bit
N
Not Acknowledge
A SLEEP pin is provided. This powers down all sections of the chip including the crystal oscillator and I2C interface.
The RF bypass function will be operational in this mode providing it has been previously enabled through the I2C
interface.
Stop
Start
Device
Address
W A
Register
Address
N
A
Register
Data
N
A
Stop
Stop
Start
Device
Address
W A
Register
Address
N
A
Register
Data
N
A
Register
Data
N+1
...
Register
Data
N+M
A
Stop
Stop
Start
Device
Address
W A
Register
Address
N
A
Start
Device
Address
R A
Register
Data
N
N Stop
Stop
Start
Device
Address
W A
Register
Address
N
A
Start
Device
Address
R A
Register
Data
N
A
...
Register
Data
N+M
N Stop
Data Sheet 291468 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com