Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20039 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS20039
Description  DVB-S Satellite Tuner with RF bypass
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20039 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS20039 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PS20039
Data Sheet
5.0
Absolute Maximum Ratings
6.0
Operating Conditions
Parameter
Min.
Max.
Units
Notes
Maximum voltage on any Vcc
pin
-0.3
3.6
V
Maximum voltage between
any two Vcc pins
0.3
V
Maximum voltage on any
other pin
-0.3
Vcc + 0.3
V
The voltage on any pin must
not exceed 3.6 V
P0 Output current
20
mA
Maximum RF Input
10
dBm
Storage temperature
-55
150
°C
Junction temperature
125
°C
Package thermal resistance
34
°C/W
Package ground paddle
soldered to ground
ESD Protection
1.75
kV
Mil std 883B method 3015
cat1
Parameter
Min.
Max.
Units
Notes
Supply Voltage
3.15
3.45
V
Operating Temperature
-10
+85
°C
RF Input Frequency
950
2150
MHz
Baseband I/Q Output load
4.7
15
k
Ω
pF
Data Sheet 291467 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com