Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20060 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS20060
Description  MOPLL with IF AGC Amplifier Preliminary Information
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20060 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS20060 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PS20060
Data Sheet
Figure 3 - Detailed Block Diagram
1.0 Functional Description
The PS20060 is a three-band RF mixer oscillator with on-board frequency synthesizer and IF AGC amplifier,
integrating all tuner active circuitry after the tracking filter into a single package.
It is intended for use in all band terrestrial tuners, and requires a minimum external component count. It contains all
elements required for RF down conversion to a standard IF with the exception of external VCO tank circuits.
In normal applications the RF input is interfaced to the selected mixer oscillator preamplifier through the tuner pre-
filter and AGC stages. The PS20060 provides an RF AGC control signal, which can be used to control the RF gain.
The preamplifier output feeds the mixer stage where the required channel is down converted to the IF frequency.
The local oscillator frequency for the down conversion is obtained from the on board PLL and local oscillator, with
an external varactor tuned tank.
The downconverted signal is then passed through an external filter into a SAW filter driver amplifier. This provides
two output channels for hybrid analog and digital applications.
Data Sheet 291359 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com