Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20063 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS20063
Description  Image Reject MOPLL with IF AGC Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20063 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS20063 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20063 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PS20063
Figure 3 - Detailed Block Diagram
1.0
Functional Description
The
PS20063 is a three-band RF mixer oscillator with image rejection, with on-board frequency synthesizer and IF
AGC amplifier, integrating all tuner active circuitry after the tracking filter into a single package.
It is intended for use in all band terrestrial tuners, and requires a minimum external component count. It contains all
elements required for RF down conversion to a standard IF, with the exception of external VCO tank circuits.
In normal applications, the RF input is interfaced to the selected mixer oscillator preamplifier through the tuner pre-
filter and AGC stages. The
PS20063 provides an RF AGC control signal, which can be used to control the RF gain.
The preamplifier output feeds the image rejection mixer stage where the required channel is down converted to the
IF frequency. The local oscillator frequency for the down conversion is obtained from the on board PLL and local
oscillator, with an external varactor tuned tank.
The downconverted signal is then passed through an external filter into a SAW filter driver amplifier. This provides
two output channels for hybrid analog and digital applications.
SDB
XCAP
PORT
INTERFACE
GPP2
GPP3
I2C
INTERFACE
GPP1
GPP0
REF
DIVIDER
PROG
DIVIDER
XTAL
DRIVE
PUMP
SD
SCL
ADD
SDA
AGCOP
CNOP
CNOPB
SIP
SIPB
AGC
DET
ADC
IPREF
HIIP
MIDIP
LOIP
VccDIG
VeeRF
VccSA
QUADRATURE
GENERATOR
ADC
IFOUT
IFOUTB
IFIP
IFIPB
IFAGC
VccIF
VccIF
VeeIF
switch
SAB
SA
VeeOSC
VccOSC
CONT
HIIPB
(paddle)
Vee
Data Sheet 291305 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com