Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20353 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PS20353
Description  Nordig Unified DVB-T COFDM Terrestrial Demodulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20353 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PS20353 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS20353 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PS20353
4.3
DC Electrical Characteristics
DC Electrical Characteristics
Parameter
Conditions
Pins
Symbol
Min.
Typ.
Max. Unit
Operating
periphery
3.0
3.3
3.6
V
voltage
core
1.62
1.8
1.98 V
CVdd
1.62>CVdd>1.98
Supply current *
Idd
C
170
mA
Supply current sleep mode
300
µA
Outputs
IOH 2mA
2.4
V
3.0>Vdd>3.6
MDO(7:0), MOVAL, MOSTRT,
VOH
IOL 2mA
STATUS, BKERR
0.4
V
3.0>Vdd>3.6
VOL
IOH 12mA
Output levels
2.4
V
3.0>Vdd>3.6
VOH
MOCLK
IOL 12mA
0.4
V
3.0>Vdd>3.6
VOL
IOL 6mA
GPP(3:0), DATA1, AGC1,
0.4
V
3.0>Vdd>3.6
AGC2, IRQ
VOL
MDO(7:0), MOVAL, MOSTRT,
3.0
pF
MOCLK, STATUS, BKERR
Output capacitance
Not including track
GPP(3:0), DATA1, AGC1,
3.6
pF
AGC2,IRQ
Output leakage (tri-state)
1
µA
Inputs
Input levels
3.0>Vdd> 3.6
MICLK, SADD(4:0)SLEEP,
-0.5 ≥ Vin ≥
OSCMODE
2.0
V
Vdd+0.5V
VIH
Input levels
3.0>Vdd> 3.6
GPP(3:0), CLK1, DATA1,
2.0
V
-0.5 ≥ Vin ≥ +5.5V
RESET
VIH
Input levels
All inputs
VIL
0.8 V
3.0>Vdd>3.6
Input leakage Current
SLEEP, SMTEST, MICLK, CLK1,
±1
µA
Input capacitance
Capacitances do not OSCMODE
1.8
pF
include track
Input capacitance
SADD(4:0), DATA1, GPP(3:0)
3.6
pF
*. Current given is for optimum performance, lower current is possible with reduced performance.
4.4
AC Electrical Characteristics
AC Electrical Characteristics
Parameter
Conditions
Pins
Min.
Typ.
Max. Unit
Notes
Analogue Inputs
3.0>Vdd>3.6
-0.5 ≥ Vin ≥ Vdd+0.5V VIN and VIN
0.8
*
Vp-p
Input levels
Nominal conditions for all 1’s on the
ADC outputs.
† See Figure 11 for
more detail.
3.0>Vdd>3.6
RFLEV
0.0
Vdd
V
See Figure 13 for more detail.
-0.5 ≥ Vin ≥ +5.5V
See Figure 12 for more detail.
VIN, VIN
Input impedance
3.0>Vdd>3.6
RFLEV
25k
D.C. signal
*. capacitively coupled signal.
†. for normal use, the AGC must control the level on the VIN/VIN pins.
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
Vdd
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com