Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS22922 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS22922
Description  Fast Transient Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22922 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PS22922 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292204 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
7
PS22922
Ordering Information
Device
Operating junction
Temp.
Package
Comments
PS22922T8T2A5
-40°C to +125°C
SOT223
Vo = 1.2v
PS22922TET2A5
-40°C to +125°C
SOT223
Vo = 1.8v
PS22922TUT2A5
-40°C to +125°C
SOT223
Vo = 3.3v
N.B For other values of output voltage please contact your local Plessey Semiconductors sales representative



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com