Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS22924 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS22924
Description  Fast Transient Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22924 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PS22924 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS22924 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PS22924
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292205 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
7
Substituting PD(max) for PD and solving for the operating conditions that are critical to the application will give the maximum
operating conditions for the regulator.
The thermal resistance of the SO8-EDP is 36 (°C/W) junction to Ambient, and 5.5 (°C/W) junction to case.
Ordering Information
Device
Operating Junction
Temp.
Package
Output voltage
PS22924C1S4A3
-40°C to +125°C
SOIC-8
Adjustable
PS22924TMS4A3
-40°C to +125°C
SOIC-8
2.5v
PS22924TUS4A3
-40°C to +125°C
SOIC-8
3.3v
N.B For other values of output voltage please contact your local Plessey Semiconductors sales representative



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com