Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50276 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS50276
Description  CMOS Image Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS50276 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS50276 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Advance Information - 291330
Plessey Semiconductors Ltd.
Tamerton Road, Roborough, Plymouth, Devon, United Kingdom PL6 7BQ
Tel: +44 1752 693000
Fax: +44 1752 518030
Web: www.plesseysemi.com
1
CMOS Image Sensor PS50276
Advance Information
Advance Information – 291330
Legal Notice
Please refer to www.plesseysemi.com/
legal info for the legal notice associated with this document.
> Main Features
3-T Pixel Architecture
0.35 µm CMOS
18.5 µm x 18.5 µm Pixels
1920 pixels x 1440 pixels
2.760 MPixels
Sensor size 37.30mm x 27.30mm
3.3V Power Supply
Rolling Shutter
0.6 fps at full resolution
Power Consumption: 1200 mW
Spectral response 0.24A/W
Resolution >20lp/mm
Full Well Charge 750k electrons
Linear Range 600k electrons
Temporal Noise 13 electrons RMS
Dynamic Range 95dB
Dark Current 200 e-/s
Fixed Pattern Noise (local) <0.20%
PRNU (local) <10%
Pixel crosstalk < 20%
Intraoral dental imaging
Different sizes available on request
> Applications
> Description
The PS50276 is a solid state CMOS image sensor for use
in intra-oral dental imaging applications. The sensor has a
35.52mm x 26.64mm active pixel array which utilises off
chip clock, ADC and signal processing to increase the
radiation tolerance of the system. It features a 3-T pixel
architecture to provide a rolling shutter and utilises double
sampling to reduce readout noise. The sensor is
chamfered by 45 degrees on two corners, by 158x158
pixels. The system clock is 20MHz, facilitating with a full
resolution frame rate of more than 0.6 frames per second.
Dose control is achieved using an X-ray irradiation
monitoring photo diode. The sensor is mounted on a PCB
and has a scintillator mounted on an optical fibre plate.
Data output is analogue.
The sensor is packaged on a PCB with a 14-bit ADC and
LVDS output.


Similar Part No. - PS50276

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PS5022 PREMO-PS5022 Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-100M PREMO-PS5022-100M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-101M PREMO-PS5022-101M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-102M PREMO-PS5022-102M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-150M PREMO-PS5022-150M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
More results

Similar Description - PS50276

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
CMOS Image Sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
Megapixel CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
CMOS linear image sensor
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
CMOS Image Sensor
August, 2015 ??Rev. 4
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
CMOS Image Sensor
March, 2016 ??Rev. 3
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
CMOS Image Sensor
March, 2016 ??Rev. 5
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
CMOS Image Sensor
December, 2016 ??Rev. 7
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
CMOS Image Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com