Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8855E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SP8855E
Description  2.8GHz Parallel Load Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP8855E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SP8855E Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 4Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 5Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 6Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 7Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 8Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 9Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 10Page - List of Unclassifed Manufacturers SP8855E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SP8855E
Phase detector gain =
The charge pump connections to the loop amplifier consist
of the charge pump output and the charge pump reference.
The matching of the charge pump up and down currents will
only be maintained if the charge pumps output is held at a
voltage equal to the charge pump reference using an
operational amplifier to produce a virtual earth condition at pin
20.
The lock detect circuit can drive an LED to give visual
indication of phase lock or provide an indication to the control
system if a pull-up resistor is used in place of the LED. A small
capacitor connected from the C-lock detector pin to ground
may be used to delay lock detect indication and remove
glitches produced by momentary phase coincidence during
lock up. The phase detector can be disabled by pulling pin 39
to logic low.
RF
Pin 19 current .
V
CC - 1.6V
R
set
To allow for control direction changes introduced by the
design of the PLL, pin 23 can be programmed to reverse the
control direction of the loop by transposing the F
pd
and F
ref
connections. In order that any external phase detector will also
be reversed by this function, the F
pd
and F
ref
outputs are also
interchanged as shown in Table 2.
Output for RF Phase Lag
Control direction pin 23
pin 20
1
Current Source
0
Current Sink
Table 2
The Fpd and Fref signals to the phase detector are available
on pin 24 and 25 and may be used to monitor the frequency
input to the phase detector or used in conjunction with an
external phase detector. When the Fpd/Fref outputs are to be
used at high frequencies, an external pull down resistor of
minimum value 330
Ω may be used connected to ground to
reduce the fall time of the output pulse.
Figure 6 - Programming data format
29
30
31
32
33
34
35
36
37
38
PIN
29
28
27
26
25
24
23
22
21
20
TEN BIT REFERENCE COUNTER
REFERENCE DIVIDER PROGRAMMING PIN ALLOCATION
29
28
27
26
25
24
23
22
21
20
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
PIN
213 212 211 210
PHASE
DETECTOR
GAIN
CONTROL
see Table 1
M COUNTER
3 BIT A
COUNTER
REFERENCE DIVIDER PROGRAMMING PIN ALLOCATION
I
pin 19 (mA) X multiplication factor
2
π
mA/radian
Data Sheet 291297 issue 3
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com