Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MA129-R47NF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2MA129-R47NF
Description  Dual Winding Shielded Inductor/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2MA129-R47NF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2MA129-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA129-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA129-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA129-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA129-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA129-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 2MA129-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 
 
 
3 
2MA Series
Dual Winding Shielded Inductor/Transformer
Accetek Electronics (Shenzhen) Co., Ltd.                         www.accetek.com                                       Ver.:2MA‐2012E
Accetek 
D SPECIFICATIONS
Parallel Mode
Series Mode
Part Number
L1
(μH)
Tolerance
DCR2
Typ.(Ω)
DCR2
Max.(Ω)
Irms3
(A)
Isat4
(A)
L1
(μH)
Tolerance
DCR2
Typ.(Ω)
DCR2
Max.(Ω)
Irms3
(A)
Isat4
(A)
2MA74-R33NF
0.33
±30%
0.0074
0.0111
6.20
12.50
1.32
±30%
0.0296
0.0444
3.10
6.25
2MA74-1R0NF
1.00
±30%
0.0100
0.0150
5.33
10.20
4.00
±30%
0.0400
0.0600
2.67
5.10
2MA74-1R5NF
1.50
±30%
0.0115
0.0173
4.96
7.50
6.00
±30%
0.0460
0.0690
2.48
3.75
2MA74-2R2NF
2.20
±30%
0.0130
0.0182
4.66
6.50
8.80
±30%
0.0520
0.0728
2.33
3.25
2MA74-3R3NF
3.30
±30%
0.0183
0.0220
3.94
5.20
13.2
±30%
0.0732
0.0878
1.97
2.60
2MA74-4R7MF
4.70
±20%
0.0254
0.0305
3.34
4.10
18.8
±20%
0.1016
0.1219
1.67
2.05
2MA74-5R6MF
5.60
±20%
0.0350
0.0420
3.00
3.90
22.4
±20%
0.1400
0.1680
1.50
1.95
2MA74-6R8MF
6.80
±20%
0.0418
0.0460
2.60
3.70
27.2
±20%
0.1672
0.1839
1.30
1.85
2MA74-8R2MF
8.20
±20%
0.0441
0.0485
2.53
3.30
32.8
±20%
0.1764
0.1940
1.27
1.65
2MA74-100MF
10.0
±20%
0.0450
0.0490
2.41
2.80
40.0
±20%
0.1800
0.1960
1.21
1.40
2MA74-120MF
12.0
±20%
0.0500
0.0580
2.17
2.50
48.0
±20%
0.2000
0.2320
1.09
1.25
2MA74-150MF
15.0
±20%
0.0637
0.0764
2.11
2.20
60.0
±20%
0.2548
0.3058
1.06
1.10
2MA74-180MF
18.0
±20%
0.0835
0.0910
1.84
2.00
72.0
±20%
0.3340
0.3640
0.92
1.00
2MA74-220MF
22.0
±20%
0.0925
0.1100
1.75
1.90
88.0
±20%
0.3700
0.4400
0.88
0.95
2MA74-270MF
27.0
±20%
0.125
0.150
1.50
1.70
108
±20%
0.5000
0.6000
0.75
0.85
2MA74-330MF
33.0
±20%
0.143
0.170
1.41
1.50
132
±20%
0.5720
0.6800
0.71
0.75
2MA74-390MF
39.0
±20%
0.190
0.228
1.22
1.30
156
±20%
0.7600
0.9120
0.61
0.65
2MA74-470MF
47.0
±20%
0.216
0.259
1.15
1.20
188
±20%
0.8640
1.0368
0.58
0.60
2MA74-560MF
56.0
±20%
0.230
0.276
1.11
1.10
224
±20%
0.9200
1.1040
0.56
0.55
2MA74-680MF
68.0
±20%
0.265
0.318
1.03
1.00
272
±20%
1.060
1.272
0.52
0.50
2MA74-820MF
82.0
±20%
0.345
0.414
0.91
0.90
328
±20%
1.380
1.656
0.46
0.45
2MA74-101MF
100
±20%
0.383
0.460
0.86
0.80
400
±20%
1.532
1.838
0.43
0.40
2MA74-121MF
120
±20%
0.515
0.618
0.74
0.70
480
±20%
2.060
2.472
0.37
0.35
2MA74-151MF
150
±20%
0.591
0.709
0.69
0.65
600
±20%
2.364
2.837
0.35
0.33
2MA74-181MF
180
±20%
0.760
0.912
0.61
0.62
720
±20%
3.040
3.648
0.31
0.31
2MA74-221MF
220
±20%
0.907
1.088
0.56
0.59
880
±20%
3.628
4.354
0.28
0.30
2MA74-271MF
270
±20%
1.210
1.452
0.48
0.55
1080
±20%
4.840
5.808
0.24
0.28
2MA74-331MF
330
±20%
1.410
1.692
0.45
0.49
1320
±20%
5.640
6.768
0.23
0.25
2MA74-391MF
390
±20%
1.525
1.830
0.43
0.45
1560
±20%
6.100
7.320
0.22
0.23
2MA74-471MF
470
±20%
1.740
2.088
0.40
0.41
1880
±20%
6.960
8.352
0.20
0.21
2MA74-561MF
560
±20%
2.220
2.664
0.36
0.38
2240
±20%
8.880
10.656
0.18
0.19
2MA74-681MF
680
±20%
2.580
3.096
0.33
0.36
2720
±20%
10.320
12.384
0.17
0.18
2MA74-821MF
820
±20%
2.930
3.516
0.31
0.30
3280
±20%
11.720
14.064
0.16
0.15
2MA74-102MF
1000
±20%
3.890
4.668
0.27
0.27
4000
±20%
15.560
18.672
0.14
0.14
2MA125-R47NF
0.47
±30%
0.0018
0.0027
17.60
25.00
1.88
±30%
0.0072
0.0108
8.80
12.50
2MA125-1R0NF
1.00
±30%
0.0024
0.0036
13.18
16.50
4.00
±30%
0.0096
0.0144
6.59
8.25
2MA125-1R5NF
1.50
±30%
0.0040
0.0060
10.21
14.40
6.00
±30%
0.0160
0.0240
5.10
7.20
2MA125-2R2NF
2.20
±30%
0.0045
0.0063
9.96
11.70
8.80
±30%
0.0180
0.0252
4.98
5.85
2MA125-3R3NF
3.30
±30%
0.0063
0.0076
9.09
10.40
13.2
±30%
0.0252
0.0302
4.55
5.20
2MA125-4R7MF
4.70
±20%
0.0105
0.0126
7.04
8.72
18.8
±20%
0.0420
0.0504
3.52
4.36
2MA125-5R6MF
5.60
±20%
0.0115
0.0150
6.45
7.26
22.4
±20%
0.0460
0.0600
3.23
3.63



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com