Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8408FPC3 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8408FPC3
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FPC3 Datasheet(HTML) 4 Page - Analog Devices

  DAC8408FPC3 Datasheet HTML 1Page - Analog Devices DAC8408FPC3 Datasheet HTML 2Page - Analog Devices DAC8408FPC3 Datasheet HTML 3Page - Analog Devices DAC8408FPC3 Datasheet HTML 4Page - Analog Devices DAC8408FPC3 Datasheet HTML 5Page - Analog Devices DAC8408FPC3 Datasheet HTML 6Page - Analog Devices DAC8408FPC3 Datasheet HTML 7Page - Analog Devices DAC8408FPC3 Datasheet HTML 8Page - Analog Devices DAC8408FPC3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DAC8408
–4–
REV. A
Burn-in Circuit
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the DAC8408 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DICE CHARACTERISTICS
DIE SIZE 0.130
× 0.124 inch, 16,120 sq. mils
(3.30
× 3.15 mm, 10.4 sq. mm)
1. VDD
15. DB6
2. VREFA
16. DB7 (MSB)
3. RFBA
17. A/B
4. IOUT 1A
18. R/W
5. IOUT 2A/IOUT 2B
19. DS1
6. IOUT 1B
20. DS2
7. RFBB
21. VREFD
8. VREFB
22. RFBD
9. DB0 (LSB)
23. IOUT 1D
10. DB1
24. IOUT 2C/IOUT 2D
11. DB2
25. IOUT 1C
12. DB3
26. RFBC
13. DB4
27. VREFC
14. DB5
28. DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com