Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VF
Description  Cooling Fan for V-Series Units
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
88
131
110
108
164
138
VF
Max Allowable Speed [rpm]
2000
2000
Cooling Fan for V-Series Units
Types: 1.2, 2.5, 5
5
2000
2.5
1.2
VF
B
C
K
J
L
[ Note 1 : Available as factory-mounted only ]
[ 1 inch = 25.4 mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
VBS(H)
VBE(H)
VCS(H)
VBEHA
VCSHA
VBSHA
VCEHA
11
88
Optional Units¹
Applicable Units
VCE(H)-P
VBE(H)-P
VCE(H)
VBS(H)-P
VCS(H)-P
76
16
13
Dimensions
[mm]
60
110
95
5.5
6.5
138
76
62
50
4.5
VF


Similar Description - VF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
DC COOLING FAN 25x25x10mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
DC COOLING FAN 60x60x15mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
DC COOLING FAN 60x60x25mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
DC COOLING FAN 80x80x25mm
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
AC COOLING FAN 80x80x25mm
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
DC COOLING FAN 120x120x25mm
DBF17250B115MT DUBILIER-DBF17250B115MT Datasheet
181Kb / 1P
AC COOLING FAN 172x150x50mm
logo
TOKYO SEIMITSU CO., LTD
PULCOM-V ACCRETECH-PULCOM-V Datasheet
203Kb / 2P
Specifications for PULCOM V Series Units
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
COOLING FAN CONTROL MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com