Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCSHA1.2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCSHA1.2
Description  Self-Adjusting EM Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCSHA1.2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCSHA1.2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
┌
[ Special ]┐┌[ Special ]┐┌[ Special ]┐
VCEHA
VCSHA¹
VCEHA
VCSHA¹
VCEHA
VCSHA¹
Current [A]
Release Time [ms]
Resistance [Ω]
Wattage [W]
VCEHA / VCSHA
24
1.41
Voltage [DC-V]
Type
Static Torque [ft-lbs / N-m]
5
37 / 50
18 / 25
Coil
(20°C)
Self-Adjusting EM Clutch
Types: 1.2, 2.5, 5
60
70
1.04
23
1.2
2.5
25
0.69
40
120
80
17
35
60
70
17
40
33
8.9 / 12
30
Armature
Torque Build-Up Time [ms]
Pull-In Time [ms]
VCEHA / VCSHA
Rotor
2.6
2.9
8.1
9.1
24.1
27
Armature
4.5
4.5
11.5
11.5
34.7
34.7
dH7
bJs9
t
A
CH7
E
F
G
H
J
K1
K2
L
57
58
62.5
63.5
72
73
M
N
16.5
17.5
16
17
22
23
O
P
R
S
T
[ Included parts & accessories : surge protector ]
[ 1 inch = 25.4 mm ]
[ Note 1 : Silent type ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
49 x 107
142
52
6
Total Energy Until Life [J]
13 x 107
25 x 107
65
32
113
22.8+0.15/-0
20
25
8
4.5
16
66
42
78
6
56
28.3+0.2/-0
15
6002ZZ
5.5
4000
16
120
80
16
5500
2
Weight [lbs / kg]
Bore [mm]
Key Way [mm]
Dimensions
[mm]
Recommended Hub Bearing
5000
60
Moment of Inertia (J)
[kg-cm²]
Torque Build Up Time [ms]
Max Allowable Speed [rpm]
0.4
90
5
17.3+0.15/-0
40
6
8
10 / 4.5
5.7 / 2.6
2
8.5
20
0.5
14
0.4
8
6.5
6.5
50
10
33.5
30
M6
M5
5.5
3.1 / 1.4
2
6205ZZ
62
M4
13.5
6.6
6004ZZ
6.5
26.5
VCEHA / VCSHA


Similar Part No. - VCSHA1.2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCSH-P1.2P ETC2-VCSH-P1.2P Datasheet
145Kb / 1P
EM Clutch (one piece high torque design)
VCSH-P2.5P ETC2-VCSH-P2.5P Datasheet
145Kb / 1P
EM Clutch (one piece high torque design)
VCSH-P5P ETC2-VCSH-P5P Datasheet
145Kb / 1P
EM Clutch (one piece high torque design)
VCSH0.6 ETC2-VCSH0.6 Datasheet
138Kb / 1P
EM Clutch (high torque design)
VCSH1.2 ETC2-VCSH1.2 Datasheet
138Kb / 1P
EM Clutch (high torque design)
More results

Similar Description - VCSHA1.2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
VBEHA ETC2-VBEHA Datasheet
128Kb / 1P
Self-Adjusting EM Brake
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
VSAU ETC2-VSAU Datasheet
73Kb / 1P
Self-Adjusting EM Clutch/Brake Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com