Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS0.6 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VCS0.6
Description  EM Clutch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCS0.6 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VCS0.6 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCS0.6 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
[ EM: Electromagnet ]
VCEH
VCSH¹
VCEH
VCSH¹
VCEH
VCSH¹
Rotor
3
3.3
8.4
9.4
25.4
28.2
Armature
3.8
3.9
8.6
9
26
26.8
dH7
bJs9
t
A
Ch8
Dh8
E
F
G
H
J
K
L
M
P
Q
15
14.5
11.5
10.6
15.5
14.5
R
T
[ Included parts & accessories : surge protector ]
[ 1 inch = 25.4 mm ]
[ Note 1 : Silent type ]
3.7 / 1.7
Moment of Inertia (J)
[kg-cm²]
VCEH-P / VCSH-P
Type
Static Torque [ft-lbs / N-m]
Coil
(20°C)
Voltage [DC-V]
Current [A]
Resistance []
Wattage [W]
Armature
Weight [lbs / kg]
Bore [mm]
Dimensions
[mm]
Key Way [mm]
Pull-In Time [ms]
Release Time [ms]
Torque Build-Up Time [ms]
Max Allowable Speed [rpm]
Total Energy Until Life [J]
EM Clutch (one piece high torque design)
Types: 1.2, 2.5, 5
1.2P
2.5P
5P
┌────────────────
┌────────────────
┌────────────────
┌──────────────── [ Special Order ]────────────────┐
────────────────┐
────────────────┐
────────────────┐
2
8
56
16
5.5
7.9
64
66
M4
11 / 5
6.2 / 2.8
11
2
9
2
6
86
54
65
6
76
54
16
76.5
70
59
6.5
70
90
8.5
67.5
6.5
M6
M5
20
6
6.5
25
8
28.3+0.2/-0
142
16
6
22.8+0.15/-0
113
5
17.3+0.15/-0
90
106
72
78
56
13 x 10
7
0.69
1.04
1.41
55
45
65
80
35
75
15
49 x 10
7
44 / 60
15
25
40
22 / 30
11 / 15
35
23
17
24
17
25
33
6000
5500
4500
25 x 10
7
VCEH-P / VCSH-P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com