Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M301270 Datasheet(PDF) 1 Page - E-SWITCH

Part # M301270
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M301270 Datasheet(HTML) 1 Page - E-SWITCH

  M301270 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966ABLKBLKESBLU
2:1
5/9/2011
M301270
A
BGL
1
1
1
3
20.8
[.819 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP COLOR: BLUE
6. MATERIAL:
CONTACT SURFACE: COIN SILVER, SILVER PLATED.
TERMINAL: COPPER ALLOY W/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (RoHS) COMPLIANT.
A
19927
RELEASE FOR PRODUCTION
5/9/11
BGL
13.00 +0.1
1.25-2.00
RECOMMENDED PANEL MOUNTING
0.75-1.25
2.00-3.00
PANEL THICKNESS
19.5-19.6
19.3-19.4
19.2-19.3
X
X
13.00 +0.1
1.25-2.00
RECOMMENDED PANEL MOUNTING
0.75-1.25
2.00-3.00
PANEL THICKNESS
19.5-19.6
19.3-19.4
19.2-19.3
X
X
POS. 1
POS. 3
SWITCH FUNCTION
OFF
ON
OPEN
1a-1
ACTUATOR COLOR
BLACK
1
1a
CURCUIT: SPST
BLUE
3.73
[.147 in]
14.00
[.551 in]
3.80
[.150 in]
12.50
[.492 in]
14.80
[.583 in]
9.60
[.378 in]
14.90
[.587 in]
7.00
[.276 in]
.50
[.020 in]
18.50
[.728 in]
LED LEADS
3.00
[.118 in]
2.00
[.079 in]
12.90
[.508 in]
LED SPECS
UNITS
BLUE
FORWARD CURRENT
mA
20
FORWARD VOLTAGE
V
3.1 TO 3.4
LUMINOUS INTENSITY
mcd
85 typ.


Similar Part No. - M301270

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M301271 E-SWITCH-M301271 Datasheet
109Kb / 1P
TERM. NOS. FOR REF. ONLY
M301272 E-SWITCH-M301272 Datasheet
174Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M301273 E-SWITCH-M301273 Datasheet
251Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M301270

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com