Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPAD20 Datasheet(PDF) 1 Page - Micross Components

Part # DPAD20
Description  a low leakage Monolithic Dual Pico-Amp Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

DPAD20 Datasheet(HTML) 1 Page - Micross Components

  DPAD20 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX DPAD20 
HIGH ON ISOLATION 
20fA 
EXCELLENT CAPACITANCE MATCHING 
∆CR ≤ 0.5pF 
ULTRALOW LEAKAGE 
≤ 20 pA 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ -­‐45V 
REVERSE CAPACITANCE 
Crss ≤ 2.0pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature 
-­‐65°C to +150°C 
Operating Junction Temperature 
-­‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
500mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
50mA 
 
 
DPAD20 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage 
-­‐45 
-­‐-­‐ 
-­‐-­‐ 
V 
IR = -­‐1µA 
VF 
Forward Voltage 
-­‐-­‐ 
0.8 
1.5 
V 
IF = 1mA 
CrSS 
Total Reverse Capacitance 
-­‐-­‐ 
-­‐-­‐ 
2.0 
pF 
VR = -­‐5V, f = 1MHz 
|CR1-­‐CR2| 
Differential Capacitance (∆CR) 
-­‐-­‐ 
-­‐-­‐ 
0.5 
pF 
VR1 =  VR2 = -­‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
-­‐-­‐ 
-­‐-­‐ 
-­‐20 
pA 
VR = -­‐ 20V 
TO-72 (Bottom View)
The DPAD20 extremely low-leakage monolithic dual
diode provides a superior alternative to conventional
diode technology when reverse current (leakage) must
be minimized. In addition the monolithic dual
construction allows excellent capacitance matching per
diode. The DPAD20 features a leakage current of -20
pA and is well suited for use in applications such as
input protection for operational amplifiers.
DPAD20 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
DPAD20 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
The DPAD20 is a low leakage Monolithic Dual Pico-Amp Diode
DPAD20
LOW LEAKAGE
PICO-AMP DUAL DIODE
Available Packages:
DPAD20 in TO-72
DPAD20 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix DPAD20
Notes:
1. Absolute maximum ratings are limiting values above which DPAD20 serviceability may be impaired.
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


Similar Part No. - DPAD20

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
DPAD20 CALOGIC-DPAD20 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
DPAD20 LINEAR-DPAD20 Datasheet
205Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
DPAD20 NJSEMI-DPAD20 Datasheet
80Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
Micross Components
DPAD20_TO-72 MICROSS-DPAD20_TO-72 Datasheet
276Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
More results

Similar Description - DPAD20

ManufacturerPart #DatasheetDescription
logo
Micross Components
DPAD2_TO-72 MICROSS-DPAD2_TO-72 Datasheet
275Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD100_TO-72 MICROSS-DPAD100_TO-72 Datasheet
275Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID101_TO-71 MICROSS-ID101_TO-71 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD2 MICROSS-DPAD2 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD5 MICROSS-DPAD5 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD10 MICROSS-DPAD10 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD100 MICROSS-DPAD100 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID100 MICROSS-ID100 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID101 MICROSS-ID101 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
LSDPAD5 MICROSS-LSDPAD5 Datasheet
276Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com