Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-S-45-10 Datasheet(PDF) 2 Page - Leddar Technology

Part # LED-S-45-10
Description  A UNIQUE DETECTION AND RANGING SOLUTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDDARTECH [Leddar Technology]
Direct Link  http://www2.leddartech.com
Logo LEDDARTECH - Leddar Technology

LED-S-45-10 Datasheet(HTML) 2 Page - Leddar Technology

  LED-S-45-10 Datasheet HTML 1Page - Leddar Technology LED-S-45-10 Datasheet HTML 2Page - Leddar Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
System Performance
Detection range
0 to 50 meters (165 ft.) 1
Accuracy
5 cm
Data refresh rate
up to 50 Hz
Operating
-40°C to +50°C
temperature range
Acquisition
16 segments simultaneously
Distance precision
6 mm
Distance resolution 10 mm
Ingress protection
IP67
Power consumption 5.6 W
1 Varies according to optics and target.
Beam options
45o 2
Discrete output
2 x PNP/NPN
Analog output
4-20 mA 3, 0-10 V 3
Interfaces
USB, RS-485
Wavelength
940 nm
Meets IEC 62471:
Exempt lamp classification
2006 criteria
Power supply
12 to 30 VDC
Dimensions
136 mm x 86 mm x 70 mm
Weight
430 g
Connector
M12
Human/machine
Optional control panel with LCD and 4 buttons
interface
LED - S - XX - XX
EXPERIENCE THE DIFFERENCE LEDDAR™ TECHNOLOGY MAKES
www.leddartech.com
T: 1 418 653-9000
T: 1 855 865-9900
F: 1 418 653-9099
Creator of the LeddarTM technology
Amplitude vs. Distance
Features
LeddarTM is a registered trademark of LeddarTech Inc. LeddarTM Technology is covered by one or more of the following U.S. patents: 7635854, 7640122, 7855376, 7895007, 7917320, 8159660, 8242476, or international equivalents. Other patents pending.
The chart above displays the detection amplitude of a 45o sensor for five reference objects
(photography grey cards and reflective tape) of varying size and reflectivity.
The content of this datasheet is subject to change without notice
Ordering Information
Product
S = Sensor
Beam
45o 2
Interfaces
10 = USB, RS-485
20 = USB, RS-485, 4-20mA 3, 0-10 V 3,
NPN/ PNP, LCD, buttons, indicators
Amplitude vs. Distance
Distance (m)
2.8
°
7.5
°
Height
Width
Included with the Leddar™ Sensor:
- Leddar™ Configuration Software CD
2 Contact LeddarTech for other optics options available upon request.
3 Provision for future use.
Example: 45° beam option
103
102
101
100
10-1
0
5
10
15
20
25
30
35
40
45
50
Kodak Grey Card 90%, 20 x 25 cm
Kodak Grey Card 18%, 20 x 25 cm
Reflective Tape 5 x 10 cm
Lastolite Target 90% reflectivity, 75 x 75 cm
Lastolite Target 18% reflectivity, 75 x 75 cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com