Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL2138 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GL2138
Description  1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL2138 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GL2138 Datasheet HTML 1Page - E-Tech Electronics LTD GL2138 Datasheet HTML 2Page - E-Tech Electronics LTD GL2138 Datasheet HTML 3Page - E-Tech Electronics LTD GL2138 Datasheet HTML 4Page - E-Tech Electronics LTD GL2138 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ISSUED DATE :2004/11/05
REVISED DATE :2006/04/18B
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Max Voltage
VIN
8
V
Output Current
IOUT
PD/( VIN- VO)
A
Output Voltage
VOUT
1.5~5.0
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
:
Maximum Junction Temperature
Tj Max
150
:
jc (Non-Conductive Epoxy)*
31
/W
:
Thermal Resistance
ja
135
/W
:
Internal Power Dissipation
PD
800
mW
EDS Classification
B
*Measure jc on backside center of tab.
Electrical Characteristics VIN=VOUT(T)+2V, Ta=25 : unless otherwise noted
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note1)
IO
=1mA
-1.5% VOUT(T)
(Note2)
1.5%
V
Output Current
IO
VO>1.2V
1.5
-
-
A
Current Limit
ILIM
VO>1.2V
1.5
2.0
-
A
Load Regulation
REGLOAD
VIN=VOUT(T)+2V, IO=1mA to 1.5A
-1
0.2
1
%
1.4V<VOUT(T) 2.0V
-
-
1300
2.0V<VOUT(T) 2.8V
-
-
800
Dropout Voltage
VDROPOUT
IO
=1.5A
VO=VOUT(E)-2%
2.8V<VOUT(T)
-
-
600
mV
Quiescent Current
IQ
VIN= VOUT(T)+2V, IO=0mA
-
45
70
A
Ground Pin Current
IGND
VIN= VOUT(T)+2V, IO=1mA~1.5A
-
45
-
A
VOUT(T)<2.0V
-0.15
-
0.15
2.0V VOUT(T)<4.0V
-0.1
0.02
0.1
Line Regulation
REGLINE
IO
=1mA
VIN=VOUT(T)+1 to
VOUT(T)+2
4.0V VOUT(T)
-0.4
-
0.4
%
Input Voltage
VIN
Note3
-
7
V
Over Temperature Shutdown
OTS
-
150
-
:
Over Temperature Hysterisis
OTH
-
30
-
:
Output Voltage
Temperature Coefficient
TC
-
30
-
ppm/ :
Short Circuit Current
ISC
VIN=VOUT(T)+1V, VOUT<0.4V
-
750
-
mA
f=100Hz
-
70
-
f=1kHz
-
50
-
Power Supply Rejection
PSRR
I
o=100mA
Co=4.7 F
f=10kHz
-
20
-
dB
Output Voltage Noise
eN
f=10Hz~100kHz, Io=10mA, Co=4.7 F
-
30
-
Vrms
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) + 2.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GL2138-15
8T152
XXXX
1.5V
GL2138-18
8T182
XXXX
1.8V
GL2138-19
8T192
XXXX
1.9V
GL2138-25
8T252
XXXX
2.5V
GL2138-33
8T332
XXXX
3.3V
GL2138-47
8T472
XXXX
4.75V
GL2138-50
8T502
XXXX
5.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com