Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q394 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML22Q394
Description  ADPCM Speech Synthesis LSI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q394 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML22Q394 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q394 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
FEDL22Q394-02
Issue Date: Jun. 06, 2014
ML22Q394
ADPCM Speech Synthesis LSI
1/42
GENERAL DESCRIPTION
ML22394 is voice synthesis LSI with built-in Flash memory that stores speech data.
This LSI includes edit ROM, ADPCM2 decoder, low pass filter and D-class speaker amplifier.
Also, ML22394
support the I2C interface.
By integrating all the functions required for voice output into a single chip, this LSI can be more easily
incorporated in compact portable devices.
• Built-in memory capacity and maximum playback time:
Maximum playback time (sec) (at fs=8.0kHz)
Product name
ROM capacity
4bitADPCM2
16bitPCM
ML22Q394-XXX
692 Kbits
22.1
5.5
Notes: ROM capacity shows the numerical value of only a voice area.
• Voice synthesis method:
4-bit ADPCM2
8-bit Nonlinear PCM
8-bit PCM , 16-bit PCM
Can be specified for each phrase.
•Speech ROM capacity
ML22Q394:
692-Kbit Flash
• Sampling frequency(Fs):
6.4 / 8.0 / 10.7 / 12.8 / 16.0 / 21.3 / 25.6 / 32.0 kHz
fs can be specified for each phrase.
•Analog output:
Built-in D-class amplifier
•CPU command interface:
I2C interface
• Maximum number of phrases:
30 phrases
•Disconnection detection function /Speaker pin short detection function
• Source oscillation frequency:
4.096 MHz(internal)
• Power supply voltage:
2.0 to 5.5V
• Flash memory rewritable time:
80 times
• Operating temperature range:
–40 to +85
°C
• Package:
16-pin plastic SSOP
• Product name:
ML22Q394-NNNMB, ML22Q394-xxxMB(xxx: ROM code No.)


Similar Part No. - ML22Q394

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
More results

Similar Description - ML22Q394

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
ADPCM Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com