Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22563 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML22563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22563 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML22563 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
FUNCTIONAL DESCRIPTION
Synchronous Serial Interface
The CSB, SCK, SI, and SO pins are used to input various commands or read the status of the device.
For command input, after inputting a “L” level to the CSB pin, input data through the SI pin with MSB first in
sync with the SCK clock signal.
The data input through the SI pin is shifted into the LSI in sync with the SCK
clock signal, then the command is executed at the eighth pulse of the rising or falling edge of the SCK clock.
For status reading, after a “L” level is input to the CSB pin, stauts is output from the SO pin in sync with the
SCK clock signal.
Choosing between rising edges and falling edges of the clock pulses input through the SCK pin is determined by
the signal input through the DIPH pin:
- When the DIPH pin is at a “L” level, the data input through the SI pin is shifted into the LSI on the rising edges
of the SCK clock pulses and a status signal is output from the SO pin on the falling edges of the SCK clock
pulses.
- When the DIPH pin is at a “H” level, the data input through the SI pin is shifted into the LSI on the falling
edges of the SCK clock pulses and a status signal is output from the SO pin on the rising edges of the SCK clock
pulses.
It is possible to input commands even with the CSB pin tied to a “L” level.
However, if unexpected pulses
caused by noise etc. are induced through the SCK pin, SCK clock pulses are incorrectly counted, causing a
failure in normal input of command.
In addition, the serial interface can be brought back to its initial state by
driving the CSB pin at a “H” level.
When the CSB pin is at ta “L” level, the status of each channel is output serially in sync with the SCK clock.
When the CSB pin is at a ”H” level, the SO pin goes into a high impedance state.
CSB
SCK
SI
• C om mand Input Timing: SCK rising edge operation (when D IPH pin = “L” level)
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB )
CSB
SCK
SI
• C om mand Input Timing: SCK falling edge operation (when DIPH pin = “H” level)
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB )
CSB
SCK
• C om mand Output T iming: SC K falling edge operation (w hen D IPH pin = “L” level)
(MSB)
(LSB )
CSB
SCK
Com mand Output Tim ing: SCK ris ing edge operation (when DIPH pi n = “H ” level )
(MSB)
(LSB )
SO
D7
D6
D5
D4
D3
D2
D1
D0
SO
D7
D6
D5
D4
D3
D2
D1
D0
21/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com