Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML7344E
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML7344E Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 23Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 24Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
21/151
●DIO interface characteristics
Item
Symbol
Condition
Min
Typ.
Max
Unit
DIO Input setup time
TDISU
1
-
-
µs
DIO Input hold time
TDIH
0
-
-
ns
DIO Output hold time
TDOH
20
-
-
ns
DCLK frequency
accuracy in TX (*1)
FDCLK_TX
(*3)
-
(*3)
kHz
DCLK frequency
accuracy in RX (*2)
FDCLK_RX
-30
-
+30
%
DCLK output duty ratio
(TX)
DDCLK_TX
45
-
55
%
DCLK output duty ratio
(RX)
DDCLK_RX
Load capacitance
CL=20pF
30
-
70
%
(*1) DCLK clock frequency in TX mode will be varied depending on the variance of master clock frequency.
(*2) DCLK clock frequency in RX mode will be varied by reproduced clock and its jitter.
(*3) These values are equal to the accuracy of the master clock frequency
NOTE: All timing parameter is defined at voltage level of VDDIO * 20% and VDDIO * 80%.
DCLK
DIO(input)
VALID
VALID
VALID
FDCLK_TX/ FDCLK_RX
TDISU
TDIH
DIO(output)
VALID
VALID
VALID
TDOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com