Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9058E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ML9058E Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
3/76
ABSOLUTE MAXIMUM RATINGS
VSS = 0 V
Parameter
Symbol
Condition
Rated value
Unit
Applicable pins
Power supply voltage
VDD
Tj = 25°C
–0.3 to +6.5
V
VDD
Bias voltage
VBI
Tj = 25°C
–0.3 to +20
V
V1 to V5
Voltage multiplier output
voltage
VOUT
Tj = 25°C
–0.3 to +20
V
VOUT
Voltage multiplier reference
voltage
VIN
2-time multiplication
3-time multiplication
4-time multiplication
–0.3 to +5.5
–0.3 to +5.5
–0.3 to +5.0
V
VIN
Input voltage
VI
Tj = 25°C
–0.3 to VDD+0.3
V
All inputs
Storage temperature range
TSTG
Chip
–55 to +125
°C
—
Tj:Chip surface temperature
RECOMMENDED OPERATING CONDITIONS
VSS = 0 V
Parameter
Symbol
Condition
Rated value
Unit
Applicable pins
Power supply voltage
VDD
—
3.7 to 5.5
V
VDD
Bias voltage
VBI
—
6 to 18
V
V1 to V5
Voltage multiplier reference
voltage
VIN
2-time multiplication
3-time multiplication
4-time multiplication
3.7 to 5.5
3.7 to 5.5
3.7 to 4.5
V
VIN
Voltage multiplier output
voltage
VOUT
External input
6.0 to 18
V
VOUT
Operating temperature range
TJOP
—
–40 to +85
°C
—
Note 1: The electrical characteristics are influenced by COG trace resistance. This LSI always has to
be evaluated before using.
Note 2: The voltages VDD, V1 to V5, and VOUT are values taking VSS = 0 V as the reference.
Note 3: The highest bias potential is V1 and the lowest is VSS.
Note 4: Always maintain the relationship V1
 V2  V3  V4  V5  VSS among these voltages.
VCC
GND
VIN
VDD
VSS
VOUT
V1 to V5
ML9058E
System (MPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com