Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9213 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9213 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9213 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
6/19
Pin
Symbol
ML9213GA ML9213GP
Type
Description
SYNC OUT1
38
36
SYNC OUT2
37
35
O
Synchronous signal output.
Connect these pins to the slave side SYNC IN1 and 2 pins.
OSC0
34
32
I/O
RC oscillator connecting pins.
Oscillation frequency depends on
display tubes to be used. For details,
refer to ELECTRICAL
CHARACTERISTICS.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Driver Supply Voltage
V
DISP
—
–0.3 to +20
V
Logic Supply Voltage
V
DD
—
–0.3 to +6.5
V
Input Voltage
V
IN
—
–0.3 to V
DD+0.3
V
QFP80-P-1420-0.80-BK
342
Power Dissipation
P
D
Ta
t25°C
QFP80-P-1414-0.65-K
343
mW
Storage Temperature
T
STG
—
–55 to +150
°C
I
O1
SEG1 to 37
–10.0 to +2.0
mA
I
O2
SEG38 to 56
–20.0 to +2.0
mA
I
O3
GRID1 to 3
–10.0 to +20.0
mA
Output Current
I
O4
DIM OUT, SYNC OUT1, SYNC OUT2
–2.0 to +2.0
mA
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Driver Supply Voltage
V
DISP
—
8.0
13.0
18.0
V
Logic Supply Voltage
V
DD
—
4.5
5.0
5.5
V
High Level Input Voltage
V
IH
All inputs except OSC0
0.8V
DD
——
V
Low Level Input Voltage
V
IL
All inputs except OSC0
—
—
0.2V
DD
V
Clock Frequency
f
C
——
—
2.0
MHz
Oscillation Frequency
f
OSC
R = 10 k
: r 5%, C = 27 pF r 5%
2.2
3.3
4.4
MHz
1/3 Duty
179
269
358
Hz
Frame Frequency
f
FR
R = 10 k
: r 5%,
C = 27 pF
r 5%
1/2 Duty
268
403
538
Hz
Operating Temperature
T
OP
—
–40
—
+105
°C
V
DD
OSC0
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com