Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22808 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML22808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22808 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML22808 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
Command List
Each command is configured in 1-byte (8-bit) units.
Each of the PLAY and MUON command forms one
command by two bytes each.
Command
D7
D6
D5
D4
D3
D2
D1
D0
Description
PUP1
0
0
0
0
S1
S0
Instantly shifts the device currently powered
down to a command wait state.
PUP2
0
0
0
1
S1
S0
Suppresses pop noise and shifts the device
currently powered down to a command wait
state.
PDWN1
0
0
1
0
Instantly shifts the device from a command wait
state to a power down state.
PDWN2
0
0
1
1
Suppresses pop noise and shifts the device
from a command wait state to a power down
state.
0
1
0
0
PLAY
F7
F6
F5
F4
F3
F2
F1
F0
Phrase-specified playback start command.
Use the data of the 2nd byte to specify a
phrase number.
STOP
0
1
1
0
Playback stop command.
0
1
1
1
MUON
M7
M6
M5
M4
M3
M2
M1
M0
Inserts silence.
Use the data of the 2nd byte to specify the
length of silence.
SLOOP
1
0
0
0
Command for setting the repeat playback
mode.
Enabled during playback.
CLOOP
1
0
0
1
Command for releasing the repeat playback
mode.
If the STOP command is input, repeat playback
mode is released automatically.
VOL
1
0
1
0
V3
V2
V1
V0
Volume setting command.
S1, S0
: Number of memory banks (*)
F7–F0
: Phrase address
M7–M0
: Length of silence period
V3–V0
: Sound volume
* S0 is fixed to “0” for ML22802/ML22P802.
21/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com