Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST12N10D Datasheet(PDF) 1 Page - Stanson Technology

Part # ST12N10D
Description  N Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST12N10D Datasheet(HTML) 1 Page - Stanson Technology

  ST12N10D Datasheet HTML 1Page - Stanson Technology ST12N10D Datasheet HTML 2Page - Stanson Technology ST12N10D Datasheet HTML 3Page - Stanson Technology ST12N10D Datasheet HTML 4Page - Stanson Technology ST12N10D Datasheet HTML 5Page - Stanson Technology ST12N10D Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST12N10D
N Channel Enhancement Mode MOSFET
12.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
ST12N10D 2009. V1
DESCRIPTION
ST12N10D is the N-Channel logic enhancement mode power field effect transistor
which is produced using high cell density, DMOS trench technology. The ST12N10D
has been designed specially to improve the overall efficiency of DC/DC converters
using either synchronous or conventional switching PWM controllers. It has been
optimized for low gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION (D-PAK)
TO-252
PART MARKING
Y: Year Code
A: Produce Code
O: Process Code
FEATURE
100V/12.0A, RDS(ON) = 170mΩ(Typ.)
@VGS = 10V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and
maximum DC current capability
TO-252 Package design


Similar Part No. - ST12N10D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST12N10D VBSEMI-ST12N10D Datasheet
1,008Kb / 7P
N-Channel 100 V (D-S) MOSFET
More results

Similar Description - ST12N10D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com