Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP24BC02 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GP24BC02
Description  2 - w i r e S e r i a l E E P RO M 1 K / 2 K / 4 K / 8 K / 1 6 K
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GP24BC02 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GP24BC02 Datasheet HTML 1Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 2Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 3Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 4Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 5Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 6Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 7Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 8Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 2/9
ISSUED DATE :2006/08/17
REVISED DATE :
Figure 2. Block Diagram
PIN Descriptions
Serial Data (SDA): The SDA pin used for sending and receiving data bits in serial mode. Since the SDA pin is
defined as an open-drain connection, a pull-up resistor is needed.
Serial Clock (SCL): The SCL input is used to synchronize data input and output with the clocked out on the
falling edge of SCL.
Device/Page Addresses (A2, A1, A0): The A2, A1, and A0 pins are used to address multiple devices on a
single bus system and should be hard-wired.
The GP24BC01 and GP24BC02 use the A2, A1 and A0 pins to provide the capability for addressing up to
eight 1K/2K devices on a single bus system (please see the Device Addressing section for further details)
&The GP24BC04 uses the A2 and A1 inputs and a total of for 4K device may be addressed on a single bus
system. The A0 pin in not used, but should be grounded if possible.
&The GP24BC08 only uses the A2 input hardwire addressing. On a single bus system, a total of two 8K
devices may be addressed. The A0 and A1 pins are not used, but should be grounded if possible.
&The GP24BC16 does not uses the device address pins, so only one device can be connected to a single
bus system. Therefore, the A0, A1 and A2 pins are not used, but should be grounded if possible.
Write Protect (WP): The GP24BC01/02/04/08/16 has a Write Protect pin that provides hardware data
protection. When connected to ground, the Write Protect pin allows for normal read/write operations. If the WP
pin is connected to VCC, no data can be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com