Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1005SRG Datasheet(PDF) 1 Page - Stanson Technology

Part # ST1005SRG
Description  P Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1005SRG Datasheet(HTML) 1 Page - Stanson Technology

  ST1005SRG Datasheet HTML 1Page - Stanson Technology ST1005SRG Datasheet HTML 2Page - Stanson Technology ST1005SRG Datasheet HTML 3Page - Stanson Technology ST1005SRG Datasheet HTML 4Page - Stanson Technology ST1005SRG Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ST1005SRG
P Channel Enhancement Mode MOSFET
-0.8A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1005SRG 2013. Rev.1
DESCRIPTION
ST1005SRG is the P-Channel logic enhancement mode power field effect transistor
which is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as cellular phone and notebook
computer power management, other battery powered circuits, and low in-line power
loss are required. The product is in a very small outline surface mount package.
PIN CONFIGURATION
SOT-23
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23
Y: Year Code
A: Process Code
FEATURE
l
-100V/-0.8.0A, RDS(ON) = 650m-ohm (Typ.)
@VGS = -10V
l
-60V/-0.4A, RDS(ON) = 700m-ohm
@VGS = -4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and maximum
DC current capability
l
SOT-23 package design
3
1
2
D
G
S
3
1
2
105YA


Similar Part No. - ST1005SRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST100 STMICROELECTRONICS-ST100 Datasheet
26Kb / 3P
ST100 DSP CORES
Sep-2004
logo
RFbeam Microwave GmbH
ST100 RFBEAM-ST100 Datasheet
662Kb / 2P
ST100 Starterkit
logo
Vishay Siliconix
ST100-125T3KI VISHAY-ST100-125T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST100-125T3MI VISHAY-ST100-125T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST100-30TKI VISHAY-ST100-30TKI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST1005SRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com