Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951-S08-R Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # LP2951-S08-R
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LP2951-S08-R Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  LP2951-S08-R Datasheet HTML 1Page - E-Tech Electronics LTD LP2951-S08-R Datasheet HTML 2Page - E-Tech Electronics LTD LP2951-S08-R Datasheet HTML 3Page - E-Tech Electronics LTD LP2951-S08-R Datasheet HTML 4Page - E-Tech Electronics LTD LP2951-S08-R Datasheet HTML 5Page - E-Tech Electronics LTD LP2951-S08-R Datasheet HTML 6Page - E-Tech Electronics LTD LP2951-S08-R Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R102-001.L
PIN CONFIGURATIONS
2
1
3
OUTPUT
GND
INPUT
TO-92 Plastic Package Bottom View
UTC LP2950
INPUT
GND
OUTPUT
SOT-252 Package
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
5V TAP
SHUTDOWN
SENSE
OUTPUT
UTC LP2951
GND
ERROR
SOP-8 OR DIP-8 PACKAGE FOR UTC
LP2951
1
2
3
4
8
7
6
5
INPUT
NC
NC
SHUTDOWN
NC
OUTPUT
UTC
LP2950
GND
ERROR
SOP-8 OR DIP-8 PACKAGE FOR UTC
LP2950
UTC LP2950
BLOCK DIAGRAM
5
4
6
2
1
8
7
3
60mV
330KΩ
TO CMOS
OR TTL
5V 150mA
MAX.
FEEDBACK
INPUT
OUTPUT
SENSE
5V TAP
GND
ERROR
DETECTION
COMPARATOR
ERROR
AMPLIFIER
FROM CMOS
OR TTL
1.23
REF
SHUT
DOWN
UNREGULATED
DC
ERROR
182kΩ
60kΩ
1.5 μF
FOR UTC LP2951



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com