Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3848L-S08-R Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # UC3848L-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UC3848L-S08-R Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  UC3848L-S08-R Datasheet HTML 1Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 2Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 3Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 4Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 5Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 6Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 7Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 8Page - E-Tech Electronics LTD UC3848L-S08-R Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3848
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R103-033.F
HIGH PERFORMANCE CURRENT
MODE CONTROLLERS
DESCRIPTION
The UTC UC3848 is designed to provide several special
enhancements to satisfy the needs, for example, Power-Saving mode
for low standby power (<0.3W), Frequency Hopping , Constant Output
Power Limiting , Slope Compensation ,Over Current Protection (OCP),
Over Voltage Protection (OVP), Over Load Protection (OLP), Under
Voltage Lock Out (UVLO), Short Circuit Protection (SCP) , Over
Temperature Protection (OTP) etc. IC will be shutdown or can
auto-restart in situations.
FEATURES
* Low Startup Current (about 22μA)
* Fixed Switching Frequency(Norm. is 68KHz)
* Frequency Hopping for Improved EMI Performance.
* Lower than 0.3W Standby Power Design
* Linearly Decreasing Frequency to 26KHz During Light Load
* Soft Start
* Internal Slope Compensation
* Constant Power Limiting for Universal AC input Range
* Gate Output Maximum Voltage Clamp(15V)
* Max Duty Cycle 74%
* Over Temperature Protection
* Overload Protection
* Over Voltage Protection
* Leading Edge Blanking
* Cycle-by-Cycle Current Limiting
* Under Voltage Lock Out
* Short Circuit Protection
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3848L-D08-T
UC3848G-D08-T
DIP-8
Tube
UC3848L-S08-R
UC3848G-S08-R
SOP-8
Tape Reel


Similar Part No. - UC3848L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3848L-S08-R UTC-UC3848L-S08-R Datasheet
596Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3848L-S08-R UTC-UC3848L-S08-R Datasheet
596Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Similar Description - UC3848L-S08-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com