Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515-S08-R Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # UR5515-S08-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5515-S08-R Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  UR5515-S08-R Datasheet HTML 1Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 2Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 3Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 4Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 5Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 6Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 7Page - E-Tech Electronics LTD UR5515-S08-R Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-056,A
TYPICAL APPLICATION CIRCUIT
R1= R2= 100KΩ
COUT(min)=10μF(Ceramic) + 1000μF under the worst case testing condition
CSS=1μF, CIN = 40μF(low ESR), CCNTL= 47μF
APPLICATIONS INFORMATION
Please note the point of thermal shutdown will be degraded by around 20℃while VCNTL equal to 5V compared
with 3.3V. It is highly recommended that to use the 3.3V rail acted as the VCNTL in SOP-8 package. Nevertheless,
this small footprint of PCB for plastic SOP-8 package is not enough to dissipate effectively the heat generated
when operating at high current levels. In order to control die operating temperatures, the PCB layout should allow
for maximum possible copper area at the four VCNTL pins. Besides, an appropriate power plane heat sink must be
used to prevent overstepping maximum junction temperature. The recommended SMT is as below.
The PCB heat sink copper area should be
solder painted without masked. This
approaches a "best case " pad heat sink .
UTC UR5515
(SOP-8)
Use vias to conduct the heat into the
buried or backside of PCB layer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com