Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515-TN5-R Datasheet(PDF) 7 Page - E-Tech Electronics LTD

Part # UR5515-TN5-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5515-TN5-R Datasheet(HTML) 7 Page - E-Tech Electronics LTD

  UR5515-TN5-R Datasheet HTML 1Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 2Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 3Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 4Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 5Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 6Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 7Page - E-Tech Electronics LTD UR5515-TN5-R Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-056,A
TYPICAL CHARACTERISTICS (cont.)
VCNTL= 3.3V
Swiing Frequency=1kHz
VREF =0.9V
VIN=1.8V
100
50
0
-50
2
1
0
-1
-2
0.9VTT @1.5A Transient Response
Time (250μS/Div)
T
VCNTL =3.3V
Swiing Frequency=1kHz
VREF=0.9V
VIN=1.8V
100
50
0
-50
4
2
0
-2
-4
0.9VTT @3A Transient Response
Time (250μS/Div)
T
T
T
Temperature vs. RDS(ON)
Temperature (℃)
0.31
0.29
0.25
25
0.27
45
0.30
0.28
0.26
0.24
0.23
35
55 65 75 85 95 105
0.22
115 125
VIN=0.9V
VIN=0.85V
VIN=0.8V
VCNTL=3.3V
VREF=1.0V
Temperature vs. RDS(ON)
Temperature (℃)
0.31
0.29
0.25
25
0.27
45
0.30
0.28
0.26
0.24
0.23
35
55 65 75 85 95 105
0.32
115 125
VIN=0.9V
VIN=0.85V
VIN=0.8V
VCNTL=5.0V
VREF=1.0V
VIN=2.5V
VCNTL=3.3V
VREF=1.25V
12
10
8
6
4
2
0
-2
Output Short-Circuit Protection
Time (5mS/Div)
Force the output shorted to VDDQ
-4
Source
VIN=2.5V
VCNTL=3.3V
VREF=1.25V
12
10
8
6
4
2
0
-2
Output Short-Circuit Protection
Time (5mS/Div)
Force the output shorted to VDDQ
-4
T
T
Sink



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com