Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMV2103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMMV2103
Description  SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMMV2103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMMV2103 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

!
1
3
2
SOT23
SOT23 SILICON PLANAR
VARIABLE CAPACITANCE DIODES
ISSUE 3 – JANUARY 1996
7
PIN CONFIGURATION
PARTMARKING DETAILS
SEE TUNING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Reverse Voltage
VR
30
V
Forward Current
IF
200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
VBR
30
V
IR = 10µA
Reverse current
IR
20
nA
VR = 25V
Series Inductance
LS
3.0
nH
f=250MHz
Lead length≈1.5mm
Diode Capacitance
Temperature Coefficient
TCC
280
400
ppm/ °C VR = 4V, f=1MHz
Lead length≈1.5mm
Case Capacitance
CC
0.15
pF
f=1MHz
TUNING CHARACTERISTICS (at Tamb= 25°C).
Type No.
Nominal Capacitance (pF)
VR = 4V, f=1MHz
Q – Figure of MERIT
VR = 4V, f=50MHz
Turning Ratio
C2 / C30
f=1MHz
Partmark
Detail
Min.
Nom.
Max.
Min.
Max.
FMMV2101
6.1
6.8
7.5
450
2.5
3.3
6R
FMMV2103
9.0
10.0
11.0
400
2.6
3.3
6G
FMMV2104
10.8
12.0
13.2
400
2.6
3.3
6H
FMMV2105
13.5
15.0
16.5
400
2.6
3.3
6J
FMMV2107
19.8
22.0
24.2
350
2.7
3.3
6L
FMMV2108
24.3
27.0
29.7
300
2.7
3.3
6M
FMMV2109
29.3
33.0
36.3
280
2.7
3.3
6N
* SELECTED DEVICE RANGE OFFERED ONLY
3 - 185
FMMV2101
to
FMMV2109


Similar Part No. - FMMV2103

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMV2103 ZETEX-FMMV2103 Datasheet
48Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
FMMV2103 ZETEX-FMMV2103 Datasheet
58Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
More results

Similar Description - FMMV2103

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMV109 ZETEX-FMMV109 Datasheet
35Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODE
logo
Infineon Technologies A...
BB644 INFINEON-BB644 Datasheet
433Kb / 3P
Silicon Variable Capacitance Diodes
Jun-01-2004
BB814 INFINEON-BB814 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diodes
Dec-04-2002
logo
Zetex Semiconductors
ZC830 ZETEX-ZC830 Datasheet
19Kb / 2P
SOT23 SILICON VARIABLE CAPACITANCE DIODES
FMMV2101 ZETEX-FMMV2101 Datasheet
48Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
FMMV2108 ZETEX-FMMV2108 Datasheet
58Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
Siemens Semiconductor G...
BB609 SIEMENS-BB609 Datasheet
90Kb / 2P
Silicon Variable Capacitance Diodes
logo
Zetex Semiconductors
ZDC833A ZETEX-ZDC833A Datasheet
154Kb / 2P
SOT23 SILICON DUAL VARIABLE CAPACITANCE DIODE
logo
Infineon Technologies A...
BB639 INFINEON-BB639_07 Datasheet
76Kb / 7P
Silicon Variable Capacitance Diodes
2007-04-20
logo
Diodes Incorporated
FMMV105G DIODES-FMMV105G Datasheet
41Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODE
JANUARY 1998
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com