Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2-S082-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP2-S082-R
Description  FLAT-PAC Low Profile Inductors (Surface Mount)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP2-S082-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP2-S082-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2-S082-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2-S082-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2-S082-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0714
Page 2 of 4
Data Sheet PM-4110
MechanicalDiagrams
SingleConductor
Notes: (1)MarkingSXXX=S:SingleConductorStyle,DXXX=D:Dual
ConductorStyle, XXX-lastthreedigitsofpartnumber. DateCode:
yww=y:LastDigitofyear,ww:weekofyear.
(2)AllDimensionsareinmillimetersunlessotherwisespecified.
(3)Forparallelmodeoperation,connectterminals1to4and2to3on
PCB(useSingleConductorPCBLayout)Forseriesmodeoperation,
connectterminals2to4onPCB(DualConductorModel).
6.70
Max
7.20
Max
(S or V)XXX
yww
TOP VIEW
2
1
2.50 (2x)
7.50
6.50
(4x)
1
2
PCB PAD LAYOUT
2
1
SCHEMATIC
3.0 ref.
Height
mm Max
1.30 ref.
(2x)
FRONT VIEW
SIDE VIEW
1.0 min.
(2x)
DualConductor
6.70
Max
yww
7.20
Max
DXXX
TOP VIEW
2
1
3
4
PCB PAD LAYOUT
2.50 (2x)
7.50
3.00
(4x)
0.50
2 Winding Mode
2.50 (2x)
7.50
3.00
(4x)
0.50 (typ)
Series Mode
4.50
(2x)
1.50
1
4
2
3
1
4
2
3
3.00 mm
Max
1.30 ref.
(2x)
FRONT VIEW
1.25 (2x)
ref.
1.00 ref.
SCHEMATIC
Winding 1
2
1
Winding 2
3
4
SIDE VIEW
(4x)
PackagingInformation
Ko
1.5Dia
min.
Bo
Ao
12.0
4.0
2.0
1.5Dia.
+0.1/-0.0
A
A
1.75
7.5 16.0
+/-0.3
1
2
Ao=6.6mm
Bo=7.1mm
Ko=3.2mm
Ko=5.2mm
(FP2?S200
& FP2V)
ACTUALSIze
FLAT-PAC’S
FLAT-PAC™
LowProfileInductors
(SurfaceMount)
DirectionofFeed ©



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com