Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2-S120-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP2-S120-R
Description  FLAT-PAC Low Profile Inductors (Surface Mount)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP2-S120-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP2-S120-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2-S120-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2-S120-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2-S120-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0714
Page 1 of 4
Data Sheet PM-4110
Description
•125°Cmaximumtotaltemperatureoperation
•Surfacemountinductorsdesignedforhigher
speedswitch modeapplicationsrequiring
lowerinductanceandhighcurrent
•Dualconductorsallowforlowinductanceandhigh
currentorhighinductanceandlowercurrent
•Inductancerangefrom.047uHto0.480uH
•Currentrangeupto42Amps
•MeetsUL94V-0flammabilitystandard
•Ferritecorematerial
Applications
•Nextgenerationmicroprocessors
EnvironmentalData
•Storagetemperaturerange:-40°Cto+125°C
•Operatingambienttemperaturerange:-40°Cto+125°C
(rangeisapplicationspecific).
•Solderreflowtemperature:+260°Cmax.for10seconds
max.
Packaging
•Suppliedintapeandreelpackaging,1700(FP2-Sand
FP2-D)and950(FP2-S200andFP2-VXXX)perreel
ParallelMode
Part
Inductance
OCL(1)
IrMS(2)
ISAT(3)
DCr(4)
Height
Volt-µ
Number
µH
µH±
Amps
Amps
Ω
Sec(VµS)
(rated)
15%
nom.
ref.(5)
SingleConductor
FP2-S047-R
0.047
0.047
39.0
42.0
0.00024
3.00
0.75
FP2-S068-R
0.068
0.068
39.0
32.0
0.00024
3.00
0.75
FP2-S082-R
0.082
0.082
39.0
26.0
0.00024
3.00
0.75
FP2-S100-R
0.100
0.100
39.0
22.0
0.00024
3.00
0.75
FP2-S120-R
0.120
0.120
39.0
18.0
0.00024
3.00
0.75
FP2-S200-R
0.200
0.200
37.0
19.0
0.00028
5.00
0.99
FP2-V050-R
0.050
0.050
37.0
70.0
0.00028
5.00
0.99
FP2-V100-R
0.100
0.100
37.0
40.0
0.00028
5.00
0.99
FP2-V120-R
0.120
0.120
37.0
33.0
0.00028
5.00
0.99
FP2-V150-R
0.150
0.150
37.0
25.5
0.00028
5.00
0.99
DoubleConductor
FP2-D047-R
0.047
0.047
37.0
42.0
0.00026
3.00
0.75
FP2-D068-R
0.068
0.068
37.0
32.0
0.00026
3.00
0.75
FP2-D082-R
0.082
0.082
37.0
26.0
0.00026
3.00
0.75
FP2-D100-R
0.100
0.100
37.0
22.0
0.00026
3.00
0.75
FP2-D120-R
0.120
0.120
37.0
18.0
0.00026
3.00
0.75
SeriesMode
Part
Inductance
OCL(1)
IrMS(2)
ISAT(3)
DCr(4)
Height
Volt-µ(5)
Number
µHref.
µH
Amps
Amps
Ω
Sec(VµS)
(rated)
ref.
ref.
ref.
DoubleConductor
FP2-D047-R
0.188
0.188
16.0
21.0
0.0013
3.00
1.50
FP2-D068-R
0.272
0.272
16.0
16.0
0.0013
3.00
1.50
FP2-D082-R
0.328
0.328
16.0
13.0
0.0013
3.00
1.50
FP2-D100-R
0.400
0.400
16.0
11.0
0.0013
3.00
1.50
FP2-D120-R
0.480
0.480
16.0
9.0
0.0013
3.00
1.50
Notes: (1)OpenCircuitInductanceTestParameters:1MHz,0.25Vrms,0.0Adc.
(2)RMScurrentforanapproximate∆Tof40°Cwithoutcoreloss.Itis
recommendedthatthetemperatureofthepartnotexceed125°C.
(3)Peakcurrentforapproximately30%rolloffat20°C.
(4)DCRlimits20°C.
(5)AppliedVolt-Timeproduct(V-µS)acrosstheinductor.Thisvalue
representstheappliedV-µSat500kHznecessarytogenerateacore
lossequalto10%ofthetotallossesfor40°Ctemperaturerise.
FLAT-PAC™
LowProfileInductors
(SurfaceMount)


Similar Part No. - FP2-S120-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP2-S120-R EATON-FP2-S120-R Datasheet
661Kb / 5P
Low profile, high current power inductors
More results

Similar Description - FP2-S120-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
Low Profile Surface Mount Inductors
HM73 ETC1-HM73 Datasheet
370Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
Shielded Low Profile Surface Mount Inductors
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
logo
Eaton All Rights Reserv...
MP2A EATON-MP2A Datasheet
543Kb / 4P
MICRO-PAC PLUS??Low profile toroid power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com