Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2293Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L2293Q
Description  Push-pull four channel driver with diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L2293Q Datasheet HTML 3Page - STMicroelectronics L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics L2293Q Datasheet HTML 10Page - STMicroelectronics L2293Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
L2293Q
Electrical characteristics
Doc ID 14899 Rev 3
7/13
3
Electrical characteristics
For each channel, VS = 24 V, VSS = 5 V, TA = 25 °C, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
IS
12,13
Total quiescent supply current
Vi = L; IO = 0; Ven = H
2
6
mA
Vi = H; IO = 0; Ven = H
16
24
mA
Ven = L
4
mA
ISS
27
Total quiescent logic supply
current
Vi = L; IO = 0; Ven = H
44
60
mA
Vi = H; IO = 0; Ven = H
16
22
mA
Ven = L
16
24
mA
VIL
11, 15,
26, 30
Input low voltage
– 0.3
1.5
V
V
IH
11, 15,
26, 30
Input high voltage
VSS ≤ 7 V
2.3
VSS
V
VSS > 7 V
2.3
7
V
IIL
11, 15,
26, 30
Low voltage input current
VIL = 1.5 V
– 10
μA
IIH
11, 15,
26, 30
High voltage input current
2.3 V
≤ V
IH ≤ VSS – 0.6 V
30
100
μA
Ven L
14, 29
Enable low voltage
– 0.3
1.5
V
Ven H
14, 29
Enable high voltage
VSS ≤ 7 V
2.3
VSS
V
VSS > 7 V
2.3
7
V
Ien L
14, 29
Low voltage enable current
Ven L = 1.5 V
– 30
– 100
μA
Ien H
14, 29
High voltage enable current
2.3 V
≤ V
en H ≤ VSS – 0.6 V
± 10
μA
VCE(sat)H
10, 16,
25, 31
Source output saturation voltage
IO = – 0.6 A
1.4
1.8
V
VCE(sat)L
10, 16,
25, 31
Sink output saturation voltage
IO = + 0.6 A
1.2
1.8
V
VF
Clamp diode forward voltage
IO = 600 nA
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com