Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5150CS Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5150CS
Description  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 1 Page - STMicroelectronics

  L5150CS Datasheet HTML 1Page - STMicroelectronics L5150CS Datasheet HTML 2Page - STMicroelectronics L5150CS Datasheet HTML 3Page - STMicroelectronics L5150CS Datasheet HTML 4Page - STMicroelectronics L5150CS Datasheet HTML 5Page - STMicroelectronics L5150CS Datasheet HTML 6Page - STMicroelectronics L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
This is information on a product in full production.
September 2013
Doc ID 15542 Rev. 15
1/34
1
L5150CJ
L5150CS
5 V low dropout voltage regulator
Datasheet
production data
Features
Operating DC supply voltage range
5.6 V to 40 V
Low dropout voltage
Low quiescent current consumption
Precision output voltage 5 V +/- 2%
Reset circuit sensing the output voltage
Programmable reset pulse delay with external
capacitor
Adjustable reset threshold
Early warning
Very wide stability range with low value output
capacitor
Thermal shutdown and short-circuit protection
Wide temperature range (Tj = -40°C to 150°C)
Description
L5150CJ and L5150CS are low dropout linear
regulators with microprocessor control functions
such as power on reset, low voltage reset, early
warning.
Typical quiescent current is 55 µA at very low
output current.
On chip trimming results in high output voltage
accuracy (2%). Accuracy is kept over wide
temperature range, line and load variation. Early
warning circuit monitors the input voltage and
compares it with an internal voltage reference.
Output voltage reset threshold can be adjusted
down to 3.5 V by means of an external voltage
divider.
The maximum input voltage is 40 V. The max
output current is internally limited. Internal
temperature protection disables the voltage
regulator output. In addition, only low-value
ceramic capacitor on output is required for
stability.
Max DC supply voltage
VS
40 V
Max output voltage tolerance
ΔVo
+/-2%
Max dropout voltage
Vdp
500 mV
Output current
Io
150 mA
Quiescent current
Iqn
55 µA(1)
1.
Typical value
PowerSSO-12
SO-8
Table 1.
Device summary
Package
Order codes
Tube
Tape & reel
PowerSSO-12
L5150CJ
L5150CJTR
SO-8
L5150CS
L5150CSTR
www.st.com


Similar Part No. - L5150CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
L5150CS STMICROELECTRONICS-L5150CS Datasheet
1Mb / 22P
for car body applications
Oct-2013
L5150CS STMICROELECTRONICS-L5150CS Datasheet
1,007Kb / 34P
Automotive 5 V low dropout voltage regulator
08-Feb-2024
L5150CSTR STMICROELECTRONICS-L5150CSTR Datasheet
1,007Kb / 34P
Automotive 5 V low dropout voltage regulator
08-Feb-2024
More results

Similar Description - L5150CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
5 V low dropout voltage regulator
07-Feb-2012
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
logo
Texas Instruments
TLE4275QKVURQ1 TI-TLE4275QKVURQ1 Datasheet
1Mb / 22P
5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
TLE4275-Q1 5-V Low-Dropout Voltage Regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com