Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8433ATRG Datasheet(PDF) 2 Page - Stanson Technology

Part # ST8433ATRG
Description  Constant Voltage and Constant Current Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST8433ATRG Datasheet(HTML) 2 Page - Stanson Technology

  ST8433ATRG Datasheet HTML 1Page - Stanson Technology ST8433ATRG Datasheet HTML 2Page - Stanson Technology ST8433ATRG Datasheet HTML 3Page - Stanson Technology ST8433ATRG Datasheet HTML 4Page - Stanson Technology ST8433ATRG Datasheet HTML 5Page - Stanson Technology ST8433ATRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STANSON TECHNOLOGY
ST8433 (Pb-Free)
Constant Voltage and Constant Current Controller
120 Bentley Square, Mountain View, Ca 94040 USA
WWW.STANSONTECH.COM
ORDERING INFORMATION
Part Number
Voltage Tolerance
Package
Part Marking
ST8433ATRG
0.5%
TO92-4
ST433A
ST8433BTRG
1.0%
TO92-4
ST433B
ST8433ASRG
0.5%
SOT23-5L
33xxA
ST8433BSRG
1.0%
SOT23-5L
33xxB
Week Code : A ~ Z ; a ~ z
ST8433XTTG
S : SOT23-5L ; T : TO92-4 ; T : Tape Box ; G : Pb – Free
Block Diagram
ABSOULTE MAXIMUM RATINGS (TA=25℃ Unless Otherwise Specified)
Rating
Symbol
Values
Units
Cathode Voltage
VZ
18
V
Continuous Cathode Current Range
IZ
150
mA
Reference Current Range
IREF
10
mA
Operating Junction Temperature Range
TJ
-40 to +150
℃
Storage Temperature Range
TSTG
-65 to 150
℃
Lead Temperature Range (Soldering 10Sec)
TSOL
260
℃
Thermal Resistance
θJA
140
℃
/W
The IC has protection Circuit sgsinst static electricity. Do not apply high static electricity or high voltage that
exceeds the performance of the protection circuit to the IC.
ST8433 2009 V1
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com