Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8433AS Datasheet(PDF) 3 Page - Stanson Technology

Part # ST8433AS
Description  Constant Voltage and Constant Current Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST8433AS Datasheet(HTML) 3 Page - Stanson Technology

  ST8433AS Datasheet HTML 1Page - Stanson Technology ST8433AS Datasheet HTML 2Page - Stanson Technology ST8433AS Datasheet HTML 3Page - Stanson Technology ST8433AS Datasheet HTML 4Page - Stanson Technology ST8433AS Datasheet HTML 5Page - Stanson Technology ST8433AS Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STANSON TECHNOLOGY
ST8433 (Pb-Free)
Constant Voltage and Constant Current Controller
120 Bentley Square, Mountain View, Ca 94040 USA
WWW.STANSONTECH.COM
ST8433 2009 V1
3
ELECTRICAL CHARACTERISTICS (TA=25℃ Unless Otherwise Specified)
Parameter
Symbol
Conditions
Min
Typ Max Units
Reference Input Voltage
(IK=10mA,VZ=VREF)
VREF
ST8433A
ST8433B
2.487
2.475
2.5
2.5
2.513
2.525
V
VREF Temp Deviation
VDEV
TA=-40℃~+80℃
VZ=VREF
IZ=10mA
10
25
mV
Ratio Of Change In REF To
Change In Cathode Voltage
△
VREF/
△
VZ
IZ=10mA,
△
VZ = 18V~VREF
-1.4 -2.7 mV/V
Reference Input Current
IREF
IZ=10mA
R1=10KΩ
R2=∞
1
uA
IREF Temp Deviation
IREF(DEV)
TA=-40℃~+80℃
R1=10K
Ω , R2=∞
IZ=10mA
2.5
uA
Off-State Cathode Current
IZ(OFF)
VREF=0V , VZ=18V
0.1
uA
Dynamic Output Impedance
RZ
f<1kHz , VZ=VREF
IZ=1mA~100mA
1.0
1.5
Ω
Minimum Operating Current
Iz(MIN)
VZ=VREF
1.0
mA
Current Amplification
Iamp
VC=1V, IA=50uA
10
mA
Saturation Voltage
Vsat
Ic=150mA,
IA=10mA
0.8
V
Maximum Protection Current
IP
100
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com