Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC4606 Datasheet(PDF) 3 Page - Stanson Technology

Part # STC4606
Description  N&P Pair Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC4606 Datasheet(HTML) 3 Page - Stanson Technology

  STC4606 Datasheet HTML 1Page - Stanson Technology STC4606 Datasheet HTML 2Page - Stanson Technology STC4606 Datasheet HTML 3Page - Stanson Technology STC4606 Datasheet HTML 4Page - Stanson Technology STC4606 Datasheet HTML 5Page - Stanson Technology STC4606 Datasheet HTML 6Page - Stanson Technology STC4606 Datasheet HTML 7Page - Stanson Technology STC4606 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STC4606
N&P Pair Enhancement Mode MOSFET
6.5A / -6.9A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STC4606 2008. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
VGS=0V,ID=-250uA
N
P
30
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250 uA
VDS=VGS,ID=-250uA
N
P
0.8
-1.0
1.8
-2.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
VDS=0V,VGS=±20V
N
P
±100
±100
nA
VDS=24V,VGS=0V
VDS=-24V,VGS=0V
N
P
1
-1
Zero Gate Voltage Drain
Current
IDSS
TJ=55℃
VDS=24V,VGS=0V
VDS=-24V,VGS=0V
N
P
5
-5
uA
On-State Drain Current
ID(on)
VDS≧5V,VGS=10V
VDS≦-5V,VGS=-10V
N
P
26
-30
A
VGS=10V, ID=6.9A
VGS=-10V,ID=-6.0A
N
P
0.030
0.041
0.040
0.056
Drain-source On-Resistance
RDS(on)
VGS=4.5V, ID=5.0A
VGS=-4.5V,ID=-5.0 A
N
P
0.046
0.060
0.055
0.072
Ω
Forward Tran Conductance
gfs
VDS=5V,ID=6.9A
VDS=-15V,ID=-5.9A
N
P
15
13
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
IS=-1.7A,VGS=0V
N
P
0.7
-0.7.
1.0
-1.0
V
Dynamic
Total Gate Charge
Qg
N
P
13.8
18.5
16.6
22.2
Gate-Source Charge
Qgs
N
P
1.8
2.7
Gate-Drain Charge
Qgd
N-Channel
VDS=15V,VGS=10V
ID≡6.9A
P-Channel
VDS=-15V,VGS=-10V
ID≡5.0A
N
P
2.0
4.5
nC
N
P
4.6
7.7
7
11.5
Turn-On Time
td(on)
tr
N
P
4.1
5.7
6
8.5
N
P
20.6
20.2
30
30
Turn-Off Time
td(off)
tf
N-Channel
VDS=10V,RL=2.2Ω
ID=1A,VGEN=10V
RG=3Ω
P-Channel
VDS=-10V,RL=2.7Ω
ID=-1A,VGEN=-3V
RG=2.7Ω
N
P
5.2
9.5
8
14
nS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com