Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG80386SXLP33 Datasheet(PDF) 97 Page - Intel Corporation

Part # NG80386SXLP33
Description  Intel386 SX MICROPROCESSOR
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80386SXLP33 Datasheet(HTML) 97 Page - Intel Corporation

Back Button NG80386SXLP33 Datasheet HTML 93Page - Intel Corporation NG80386SXLP33 Datasheet HTML 94Page - Intel Corporation NG80386SXLP33 Datasheet HTML 95Page - Intel Corporation NG80386SXLP33 Datasheet HTML 96Page - Intel Corporation NG80386SXLP33 Datasheet HTML 97Page - Intel Corporation NG80386SXLP33 Datasheet HTML 98Page - Intel Corporation NG80386SXLP33 Datasheet HTML 99Page - Intel Corporation NG80386SXLP33 Datasheet HTML 100Page - Intel Corporation NG80386SXLP33 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
Intel386TM SX MICROPROCESSOR
Register Specified by reg Field
During 32-Bit Data Operations
reg
Function of w Field
(when w e 0)
(when w e 1)
000
AL
EAX
001
CL
ECX
010
DL
EDX
011
BL
EBX
100
AH
ESP
101
CH
EBP
110
DH
ESI
111
BH
EDI
9233 ENCODING OF THE SEGMENT
REGISTER (sreg) FIELD
The sreg field in certain instructions is a 2-bit field
allowing one of the four 80286 segment registers to
be specified The sreg field in other instructions is a
3-bit field allowing the Intel386 SX CPU FS and GS
segment registers to be specified
2-Bit sreg2 Field
2-Bit
Segment
sreg2 Field
Register
Selected
00
ES
01
CS
10
SS
11
DS
3-Bit sreg3 Field
3-Bit
Segment
sreg3 Field
Register
Selected
000
ES
001
CS
010
SS
011
DS
100
FS
101
GS
110
do not use
111
do not use
9234 ENCODING OF ADDRESS MODE
Except for special instructions such as PUSH or
POP where the addressing mode is pre-determined
the addressing mode for the current instruction is
specified by addressing bytes following the primary
opcode The primary addressing byte is the ‘‘mod
rm’’ byte and a second byte of addressing informa-
tion the ‘‘s-i-b’’ (scale-index-base) byte can be
specified
The s-i-b byte (scale-index-base byte) is specified
when using 32-bit addressing mode and the ‘‘mod
rm’’ byte has rm e 100 and mod e 00 01 or 10
When the sib byte is present the 32-bit addressing
mode is a function of the mod ss index and base
fields
The primary addressing byte the ‘‘mod rm’’ byte
also contains three bits (shown as TTT in Figure 8-1)
sometimes used as an extension of the primary op-
code The three bits however may also be used as
a register field (reg)
When calculating an effective address either 16-bit
addressing or 32-bit addressing is used 16-bit ad-
dressing uses 16-bit address components to calcu-
late the effective address while 32-bit addressing
uses 32-bit address components to calculate the ef-
fective address When 16-bit addressing is used the
‘‘mod rm’’ byte is interpreted as a 16-bit addressing
mode specifier When 32-bit addressing is used the
‘‘mod rm’’ byte is interpreted as a 32-bit addressing
mode specifier
Tables on the following three pages define all en-
codings of all 16-bit addressing modes and 32-bit
addressing modes
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com