Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP413D Datasheet(PDF) 3 Page - Stanson Technology

Part # STP413D
Description  P Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP413D Datasheet(HTML) 3 Page - Stanson Technology

  STP413D Datasheet HTML 1Page - Stanson Technology STP413D Datasheet HTML 2Page - Stanson Technology STP413D Datasheet HTML 3Page - Stanson Technology STP413D Datasheet HTML 4Page - Stanson Technology STP413D Datasheet HTML 5Page - Stanson Technology STP413D Datasheet HTML 6Page - Stanson Technology STP413D Datasheet HTML 7Page - Stanson Technology STP413D Datasheet HTML 8Page - Stanson Technology STP413D Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STP413D
P Channel Enhancement Mode MOSFET
-
12.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STP413D 2009. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Uni
t
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-40
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1.0
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=-40V,VGS=0V
-1
uA
VDS=-40V,VGS=0V
TJ=55℃
-5
On-State Drain
Current
ID(on)
VDS≧-10V,VDS=-5V
-30
A
Drain-source On-
Resistance
RDS(on)
VGS=-10V,ID=-12A
VGS=-4.5V,ID=-8A
36
52
mΩ
Forward
Transconductance
gfs
VDS=-5V,ID=-12A
23
S
Diode Forward Voltage
VSD
IS=-1.0A,VGS=0V
-1.0
V
Dynamic
Total Gate Charge
Qg
VDS=-10V,VDS=-20V
ID=-12A
16.5
nC
Gate-Source Charge
Qgs
3.8
Gate-Drain Charge
Qgd
3.5
Input Capacitance
Ciss
VDS =-20V,VGS=0V
F=1MHz
900
pF
Output Capacitance
Coss
69
Reverse
TransferCapacitance
Crss
115
Turn-On Time
td(on)
tr
VGS=-10V,VDS=-20V
RL=1.6Ω,RGEN=3Ω
6.9
nS
9
Turn-Off Time
td(off)
tf
44.8
41.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com