Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78XXL-T2Q-R Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # LM78XXL-T2Q-R
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM78XXL-T2Q-R Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  LM78XXL-T2Q-R Datasheet HTML 1Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 2Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 3Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 4Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 5Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 6Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 7Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 8Page - E-Tech Electronics LTD LM78XXL-T2Q-R Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM78XX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R101-006.T
3-TERMINAL 1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC LM78XX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1 A.
FEATURES
* Output current up to 1A
* Fixed output voltage of 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V
and 24V available
* Thermal overload shutdown protection
* Output transistor SOA protection
TO-220
1
1
TO-220F
TO-262
1
TO-92
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
LM78XXL-TA3-T
LM78XXG-TA3-T
TO-220
I
G
O
Tube
LM78XXL-TF3-T
LM78XXG-TF3-T
TO-220F
I
G
O
Tube
LM78XXL-T2Q-T
LM78XXG-T2Q-T
TO-262
I
G
O
Tube
LM78XXL-T2Q-R
LM78XXG-T2Q-R
TO-262
I
G
O
Tape Reel
LM78XXL-T92-B
LM78XXG-T92-B
TO-92
I
G
O
Tape Box
LM78XXL-T92-K
LM78XXG-T92-K
TO-92
I
G
O
Bulk
Note: Pin Assignment: O: Output
G: GND
I: Input


Similar Part No. - LM78XXL-T2Q-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM78XXL-T2Q-R UTC-LM78XXL-T2Q-R Datasheet
364Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM78XXL-T2Q-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com